Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022CPWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS6022CPWPRG4
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6022CPWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6022CPWPRG4 Datasheet HTML 2Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 3Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 4Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 5Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 6Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 7Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 8Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 9Page - Texas Instruments THS6022CPWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
www.ti.com
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
VCC = ±15 V, RL = 50 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Noise/Distortion Performance
VO(PP) = 20 V
–69
f = 500 kHz
VO(PP) = 2 V
–80
VCC = ±5 V, G = 2
VO(PP) = 20 V
–66
f = 1 MHz
VO(PP) = 2 V
–75
THD
Total harmonic distortion
dBc
f = 500 kHz
–71
RL = 25 Ω
f = 1 MHz
–65
VCC = ±5 V, VO(PP) = 2
V, G = 2
f = 500 kHz
–78
RL = 50 Ω
f = 1 MHz
–72
Input noise current,
11.5
positive (IN+)
In
VCC = ±5 V or ±15 V
G = 2
f = 10 kHz
pA/
√Hz
Input noise current,
16
negative (IN–)
VCC = ±5 V
0.03%
AD
Differential gain error
RL = 150 Ω, G = 2,
NTSC, 40 IRE Mod.
VCC = ±15 V
0.04%
VCC = ±5 V
0.08
°
φD
Differential phase error
RL = 150 Ω, G = 2,
NTSC, 40 IRE Mod.
VCC = ±15 V
0.06
°
Crosstalk
VI = 200 mV,
f = 1 MHz
–64
dB
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz,
G = 2, single-ended
1.7
nV/
√Hz
DC Performance (3)
TA = 25°C
1
5
VIO
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
7
Input offset voltage drift
VCC = ±5 V or ±15 V,
TA = full range
20
μV/
°C
TA = 25°C
0.5
4
Differential input offset
VCC = ±5 V or ±15 V
mV
voltage
TA = full range
5
Differential input offset
VCC = ±5 V or ±15 V,
TA = full range
10
μV/
°C
voltage drift
TA = 25°C
1
9
Input bias current, negative
TA = full range
12
TA = 25°C
5
10
IIB
Input bias current, positive
VCC = ±5 V or ±15 V
μA
TA = full range
12
TA = 25°C
1.5
8
Input bias current,
differential
TA = full range
11
VCC = ±5
1
Open-loop transresistance
M
VCC = ±15 V
4
Input Characteristics (3)
VCC = ±5
±3.5
±3.6
Common-mode input voltage
VICR
V
range
VCC = ±15
±13.3
±13.4
Common-mode rejection
62
73
ratio
CMRR
VCC = ±5 V or ±15 V, TA = full range
dB
Differential common-mode
100
rejection ratio
Input resistance,
+ input
1.5
M
ri
Input resistance,
– input
15
Ci
Input capacitance
1.4
pF
(3)
Full range is 0
°C to 70°C for the THS6022C, and –40°C to 85°C for the THS6022I.
6
Submit Documentation Feedback


Similar Part No. - THS6022CPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022CPWP TI-THS6022CPWP Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - THS6022CPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com