Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6032IVFPG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS6032IVFPG4
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6032IVFPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6032IVFPG4 Datasheet HTML 5Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 6Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 7Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 8Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 9Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 10Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 11Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 12Page - Texas Instruments THS6032IVFPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = GND
Gain=+2
RF = 1.1kΩ
RL = 25 Ω
VO(PP) =2V
2ndHarmonic
1M
10M
100k
20M
3rdHarmonic
THD
−12
−6
0
6
12
18
24
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
1M
10M
100M
100k
500M
VO(PP) =8V
VO(PP) =4V
VO(PP) =2V
VO(PP) =1V
VO(PP) =0.5V
Gain=+2
RL =25 Ω
RF =1.1k Ω
−100
−90
−80
−70
−60
−50
−40
−30
−20
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5Vto ± 7.5V
Gain=+2
RF = 1.1kΩ
RL = 25 Ω
VO(PP) =2V
2ndHarmonic
1M
10M
100k
20M
3rdHarmonic
THD
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
5
10
15
20
VO(PP) − OutputVoltage − V
VCC(H) = ± 15V
Gain=+5
RF=1.1kΩ
RL = 25 Ω
f=1MHz
VCC(L) = ± 5 V
VCC(L) = ± 7.5V
VCC(L) = ± 6 V
VCC(L) = GND
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
5
10
15
20
VO(PP) − OutputVoltage − V
VCC(H) = ± 15V
Gain=+5
RF=1.1kΩ
RL = 25 Ω
f=1MHz
VCC(L) = ± 5 V
VCC(L) = ± 7.5V
VCC(L) = ± 6 V
VCC(L) = GND
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
5
10
15
20
VO(PP) − OutputVoltage − V
VCC(H) = ± 15V
Gain=+5
RF=1.1kΩ
RL = 25 Ω
f=1MHz
VCC(L) = ± 5 V
VCC(L) = ± 7.5V
VCC(L) = ± 6 V
VCC(L) = GND
100
1
10
f − Frequency − Hz
100
100k
10k
1k
10
Vn
VCC(H) = ± 15V
VCC(L) = ± 5V
TA =25°C
In
In+
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RF = 1.1kΩ
RL = 25 Ω
Input=Ch.2
Output=Ch.1
Input=Ch.1
Output=Ch.2
1M
10M
100M
100k
500M
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
VO(pp) − OutputVoltageStep − V
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RF = 1.1kΩ
RL = 25 Ω
+SR
−SR
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
CLASS-G MODE DISTORTION
CLASS-AB MODE DISTORTION
SMALL AND LARGE SIGNAL
vs
vs
FREQUENCY RESPONSE
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
2ND ORDER DISTORTION
3RD ORDER DISTORTION
THD
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 13.
Figure 14.
Figure 15.
CROSSTALK
SLEW RATE
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE STEP
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS6032


Similar Part No. - THS6032IVFPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032IDWP TI-THS6032IDWP Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032IGQE TI-THS6032IGQE Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results

Similar Description - THS6032IVFPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
[Old version datasheet]   ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
35598 SCHOTT-35598 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com