Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WAID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  Dual Operational Amplifiers With Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments TL103WAID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
TL103W, TL103WA
SLOS437L – APRIL 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL103W TL103WA
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The input common-mode voltage of either input should not be allowed to go below –0.3 V. The upper end of the common-mode voltage
range is VCC+ – 1.5 V, but either input can go to VCC+ + 0.3 V (but ≤36 V) without damage.
6.6
OP AMP2, Independent Operational Amplifier, Electrical Characteristics
VCC+ = 5 V, VCC = GND, VO = 1.4 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
TL103W
Vicm = 0 V
25°C
1
4
mV
Full range
5
TL103WA
Vicm = 0 V
25°C
0.5
3
Full range
5
αVIO
Input offset voltage drift
25°C
7
μV/°C
IIO
Input offset current
25°C
2
75
nA
Full range
150
IIB
Input bias current
25°C
20
150
nA
Full range
200
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kΩ,
VO = 1.4 V to 11.4 V
25°C
50
100
V/mV
Full range
25
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V
25°C
65
100
dB
VICR
Input common-mode voltage range
VCC+ = 30 V
(1)
25°C
0
VCC+ – 1.5
V
Full range
0
VCC+ – 2
CMRR
Common-mode rejection ratio
25°C
70
85
dB
Full range
60
IO(source)
Output source current
VCC+ = 15 V, VO = 2 V, Vid = 1 V
25°C
20
40
mA
ISC
Short circuit to GND
VCC+ = 15 V
25°C
40
60
mA
IO(sink)
Output sink current
VCC+ = 15 V, VO = 2 V,
Vid = –1 V
25°C
10
12
mA
VCC+ = 15 V, VO = 0.2 V,
Vid = –1 V
12
50
μA
VOH
High-level output voltage
VCC = 30 V, RL = 2 kΩ
25°C
26
27
V
Full range
26
VCC = 30 V, RL = 10 kΩ
25°C
27
28
Full range
27
VOL
Low-level output voltage
RL = 10 kΩ
25°C
5
20
mV
Full range
20
SR
Slew rate at unity gain
VCC+ = 15 V, CL = 100 pF,
RL = 2 kΩ, VI = 0.5 V to 3 V,
unity gain
25°C
0.2
0.4
V/
μs
GBW
Gain bandwidth product
VCC+ = 30 V, VI = 10 mV,
CL = 100 pF, RL = 2 kΩ,
f = 100 kHz
25°C
0.5
0.9
MHz
THD
Total harmonic distortion
VCC+ = 30 V, VO = 2 Vpp,
CL = 100 pF, RL = 2 kΩ,
f = 1 kHz, AV = 20 dB
25°C
0.02%
Vn
Equivalent input noise voltage
VCC = 30 V, RS = 100 Ω,
f = 1 kHz
25°C
50
nV/
√Hz


Similar Part No. - TL103WAID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103WAID TI-TL103WAID Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI-TL103WAID Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI1-TL103WAID Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103WAID TI1-TL103WAID Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WAID TI1-TL103WAID Datasheet
1Mb / 32P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

Similar Description - TL103WAID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
   Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com