Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3116CDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL3116CDR
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL3116CDR Datasheet(HTML) 1 Page - Texas Instruments

  TL3116CDR Datasheet HTML 1Page - Texas Instruments TL3116CDR Datasheet HTML 2Page - Texas Instruments TL3116CDR Datasheet HTML 3Page - Texas Instruments TL3116CDR Datasheet HTML 4Page - Texas Instruments TL3116CDR Datasheet HTML 5Page - Texas Instruments TL3116CDR Datasheet HTML 6Page - Texas Instruments TL3116CDR Datasheet HTML 7Page - Texas Instruments TL3116CDR Datasheet HTML 8Page - Texas Instruments TL3116CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Ultra-Fast Operation . . . 10 ns (typ)
D Low Positive Supply Current
12.7 mA (Typ)
D Operates From a Single 5-V Supply or From
a Split
±5-V Supply
D Complementary Outputs
D Input Common-Mode Voltage Includes
Negative Rail
D Low Offset Voltage
D No Minimum Slew Rate Requirement
D Output Latch Capability
D Functional Replacement to the LT1116
description
The TL3116 is an ultra-fast comparator designed
to interface directly to TTL logic while operating
from either a single 5-V power supply or dual
±5-V supplies. The input common-mode voltage
extends to the negative rail for ground sensing
applications. It features extremely tight offset
voltage and high gain for precision applications. It
has complementary outputs that can be latched
using the LATCH ENABLE terminal. Figure 1
shows
the
positive
supply
current
of
the
comparator. The TL3116 only requires 12.7 mA
(typical) to achieve a propagation delay of 10 ns.
The TL3116 is a pin-for-pin functional replace-
ment
for
the
LT1116
comparator,
offering
high-speed operation but consuming much less
power.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL
OUTLINE†
(D)
TSSOP
(PW)
CHIP
FORM‡
(Y)
0
°C to 70°C
TL3116CD
TL3116CPWLE
TL3116Y
−40
°C to 85°C
TL3116ID
TL3116IPWLE
† The PW packages are available left-ended taped and reeled only.
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D AND PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC+
IN +
IN −
VCC−
Q OUT
Q OUT
GND
LATCH ENABLE
symbol (each comparator)
IN +
IN −
Figure 1
−50
−25
0
25
50
75
100
125
9
7
6
13
14
POSITIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
15
12
11
8
5
10
TA − Free-Air Temperature − °C
Q OUT
Q OUT
VCC = ± 5 V
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1997, Texas Instruments Incorporated


Similar Part No. - TL3116CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116CD TI-TL3116CD Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3116CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com