Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4810B_1998 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL4810B_1998
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL4810B_1998 Datasheet(HTML) 5 Page - Texas Instruments

  TL4810B_1998 Datasheet HTML 1Page - Texas Instruments TL4810B_1998 Datasheet HTML 2Page - Texas Instruments TL4810B_1998 Datasheet HTML 3Page - Texas Instruments TL4810B_1998 Datasheet HTML 4Page - Texas Instruments TL4810B_1998 Datasheet HTML 5Page - Texas Instruments TL4810B_1998 Datasheet HTML 6Page - Texas Instruments TL4810B_1998 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL4810B, TL4810BI
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS006C – DECEMBER 1984 – REVISED MAY 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC1 = 5 V to 15 V, VCC2 = 60 V, GND = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL4810B
TL4810BI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
High-level
Q outputs
IOH = – 25 mA
57.5
58
57.5
58
VOH
High level
output
SERIAL
VCC1 = 5 V,
IOH = – 100 µA
4
4.5
4
4.5
V
voltage
DATA OUT
VCC1 = 15 V,
IOH = – 100 µA
14
14.7
14
14.7
Low-level
Q outputs
IOL = 1 µA,
BLANKING at VCC1
0.5
1
0.5
1
VOL
Low level
output
SERIAL
VCC1 = 5 V,
IOL = 100 µA
0.05
0.1
0.05
0.1
V
voltage
DATA OUT
VCC1 = 15 V,
IOL = 100 µA
0.02
0.1
0.02
0.1
IOL
Low-level Q output current
VO = 60 V,
TA = MIN to 70°C
BLANKING at VCC1,
2.5
3.7
2.5
3.7
mA
IOL
(pulldown current)
VO = 60 V,
TA = 85°C
BLANKING at VCC1,
2
mA
IO(off) Off-state output current
VO = 0,
TA = MAX
BLANKING at VCC1,
–1
–15
–1
–15
µA
IH
High-level input current
VI = VCC1
30
50
30
50
µA
All inputs at 0 V,
VCC1 = 5 V
10
50
10
50
ICC1 Supply current from VCC1
,
One Q output high
VCC1 = 15 V
10
100
10
100
µA
ICC1 Supply current from VCC1
All inputs at 0 V,
VCC1 = 5 V
10
50
10
50
µA
,
All outputs low
VCC1 = 15 V
10
100
10
100
All outputs low
0.5
1
0.5
1
ICC2 Supply current from VCC2
All outputs high,
TA = 0°C to MAX
2.7
4
2.7
4
mA
All outputs high,
TA = – 40°C
5
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at TA = 25°C, except for IO.
timing requirements over recommended operating free-air temperature range
VCC1 = 5 V
VCC1 = 15 V
UNIT
MIN
MAX
MIN
MAX
UNIT
tw(CKH)
Pulse duration, CLOCK high
250
50
ns
tw(LEH)
Pulse duration, LATCH ENABLE high
250
50
ns
tsu(D)
Setup time, DATA IN before CLOCK
125
25
ns
th(D)
Hold time, DATA IN after CLOCK
125
25
ns
td(CKH-LEH)
Delay time, CLOCK
↑ to LATCH ENABLE high
125
25
ns
switching characteristics, VBB = 60 V, TA = 25°C
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
t d
Propagation delay time LATCH ENABLE to Q outputs
VCC1 = 5 V
1
µs
tpd
Propagation delay time, LATCH ENABLE to Q outputs
VCC1 = 15 V
0.5
µs


Similar Part No. - TL4810B_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810BI TI-TL4810BI Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
More results

Similar Description - TL4810B_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810B TI-TL4810B Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65518 TI-SN65518 Datasheet
136Kb / 9P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI-SN65512C Datasheet
85Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512B TI1-SN65512B Datasheet
116Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
   Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com