Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46T Datasheet(PDF) 3 Page - Microchip Technology

Part # 93LC46T
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46T Datasheet(HTML) 3 Page - Microchip Technology

  93LC46T Datasheet HTML 1Page - Microchip Technology 93LC46T Datasheet HTML 2Page - Microchip Technology 93LC46T Datasheet HTML 3Page - Microchip Technology 93LC46T Datasheet HTML 4Page - Microchip Technology 93LC46T Datasheet HTML 5Page - Microchip Technology 93LC46T Datasheet HTML 6Page - Microchip Technology 93LC46T Datasheet HTML 7Page - Microchip Technology 93LC46T Datasheet HTML 8Page - Microchip Technology 93LC46T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21712C-page 3
93LC46/56/66
AC CHARACTERISTICS
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
AC CHARACTERISTICS
VCC = +2.5V to +5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
1FCLK
Clock frequency
2
1
MHz
MHz
VCC
 4.5V
VCC
 4.5V
2TCKH
Clock high time
250
ns
3TCKL
Clock low time
250
ns
4TCSS
Chip select setup time
50
ns
Relative to CLK
5TCSH
Chip select hold time
0
ns
Relative to CLK
6TCSL
Chip select low time
250
ns
7TDIS
Data input setup time
100
ns
Relative to CLK
8TDIH
Data input hold time
100
ns
Relative to CLK
9TPD
Data output delay time
400
ns
CL = 100 pF
10
TCZ
Data output disable time
100
ns
CL = 100 pf (Note 2)
11
TSV
Status valid time
500
ns
CL = 100 pF
12
TWC
Program cycle time
4
10
ms
Erase/Write mode
13
TEC
8
15
ms
ERAL mode (VCC=5V ±10%)
14
TWL
16
30
ms
WRAL mode (VCC=5V ±10%)
15
Endurance
1M
1M
cycles
25°C, VCC = 5.0V, Block
mode (Note 3)
Note 1:
This parameter is tested at TA = 25°C and FCLK = 1 MHz.
2:
This parameter is periodically sampled and not 100% tested.
3:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total EnduranceModel which can be obtained from Microchip’s web site
at: www.microchip.com.
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(Read)
DO
(Write)
4
7
2
3
8
9
5
9
10
Status Valid
11
10


Similar Part No. - 93LC46T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46T MICROCHIP-93LC46T Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46T-I/P MICROCHIP-93LC46T-I/P Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46T-I/SN MICROCHIP-93LC46T-I/SN Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46T-I/SN MICROCHIP-93LC46T-I/SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results

Similar Description - 93LC46T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com