Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3116CPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL3116CPW
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL3116CPW Datasheet(HTML) 5 Page - Texas Instruments

  TL3116CPW Datasheet HTML 1Page - Texas Instruments TL3116CPW Datasheet HTML 2Page - Texas Instruments TL3116CPW Datasheet HTML 3Page - Texas Instruments TL3116CPW Datasheet HTML 4Page - Texas Instruments TL3116CPW Datasheet HTML 5Page - Texas Instruments TL3116CPW Datasheet HTML 6Page - Texas Instruments TL3116CPW Datasheet HTML 7Page - Texas Instruments TL3116CPW Datasheet HTML 8Page - Texas Instruments TL3116CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = ±5 V, VLE = 0
PARAMETER
TEST CONDITIONS†
TL3116C
TL3116I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
∆VI = 100 mV,
TA = 25°C
9.9
12
9.9
12
tpd1
Propagation delay time‡
∆VI = 100 mV,
VOD = 5 mV
TA = full range
9.9
14
9.9
15
ns
tpd1
Propagation delay time‡
∆VI = 100 mV,
TA = 25°C
8.2
10.3
8.2
10.3
ns
∆VI = 100 mV,
VOD = 20 mV
TA = full range
8.2
12.7
8.2
13.7
tsk(p)
Pulse skew (|tpd+ − tpd−|)
∆VI = 100 mV,
TA = 25°C
VOD = 5 mV,
0.5
0.5
ns
tsu
Setup time, LATCH ENABLE
3.4
3.4
ns
† Full range for the TL3116C is 0°C to 70°C. Full range for the TL3116I is −40°C to 85°C.
‡ tpd1 cannot be measured in automatic handling equipment with low values of overdrive. The TL3116 is 100% tested with a 1-V step and 500-mV
overdrive at TA = 25°C only. Correlation tests have shown that tpd1 limits given can be ensured with this test, if additional dc tests are performed
to ensure that all internal bias conditions are correct. For low overdrive conditions, VOS is added to the overdrive.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Input voltage
2
ICC
Positive supply current
vs Frequency
3
ICC
Positive supply current
vs Free-air temperature
4
ICC
Negative supply current
vs Free-air temperature
5
vs Overdrive voltage
6
vs Supply voltage
7
tpd
Propagation delay time
vs Input impedance
8
tpd
Propagation delay time
vs Load capacitance
9
vs Free-air temperature
10
VIC
Common-mode input voltage
vs Free-air temperature
11
VIT
Input threshold voltage (LATCH ENABLE)
vs Free-air temperature
12
VO
Output voltage
vs Output source current
13
VO
Output voltage
vs Output sink current
14
II
Input current (LATCH ENABLE)
vs Input voltage
15


Similar Part No. - TL3116CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116CPWLE TI-TL3116CPWLE Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3116CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com