Electronic Components Datasheet Search |
|
TL4810BI Datasheet(PDF) 5 Page - Texas Instruments |
|
TL4810BI Datasheet(HTML) 5 Page - Texas Instruments |
5 / 7 page TL4810B, TL4810BI VACUUM FLUORESCENT DISPLAY DRIVERS SLDS006C – DECEMBER 1984 – REVISED MAY 1993 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC1 = 5 V to 15 V, VCC2 = 60 V, GND = 0 (unless otherwise noted) PARAMETER TEST CONDITIONS† TL4810B TL4810BI UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT High-level Q outputs IOH = – 25 mA 57.5 58 57.5 58 VOH High level output SERIAL VCC1 = 5 V, IOH = – 100 µA 4 4.5 4 4.5 V voltage DATA OUT VCC1 = 15 V, IOH = – 100 µA 14 14.7 14 14.7 Low-level Q outputs IOL = 1 µA, BLANKING at VCC1 0.5 1 0.5 1 VOL Low level output SERIAL VCC1 = 5 V, IOL = 100 µA 0.05 0.1 0.05 0.1 V voltage DATA OUT VCC1 = 15 V, IOL = 100 µA 0.02 0.1 0.02 0.1 IOL Low-level Q output current VO = 60 V, TA = MIN to 70°C BLANKING at VCC1, 2.5 3.7 2.5 3.7 mA IOL (pulldown current) VO = 60 V, TA = 85°C BLANKING at VCC1, 2 mA IO(off) Off-state output current VO = 0, TA = MAX BLANKING at VCC1, –1 –15 –1 –15 µA IH High-level input current VI = VCC1 30 50 30 50 µA All inputs at 0 V, VCC1 = 5 V 10 50 10 50 ICC1 Supply current from VCC1 , One Q output high VCC1 = 15 V 10 100 10 100 µA ICC1 Supply current from VCC1 All inputs at 0 V, VCC1 = 5 V 10 50 10 50 µA , All outputs low VCC1 = 15 V 10 100 10 100 All outputs low 0.5 1 0.5 1 ICC2 Supply current from VCC2 All outputs high, TA = 0°C to MAX 2.7 4 2.7 4 mA All outputs high, TA = – 40°C 5 † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at TA = 25°C, except for IO. timing requirements over recommended operating free-air temperature range VCC1 = 5 V VCC1 = 15 V UNIT MIN MAX MIN MAX UNIT tw(CKH) Pulse duration, CLOCK high 250 50 ns tw(LEH) Pulse duration, LATCH ENABLE high 250 50 ns tsu(D) Setup time, DATA IN before CLOCK ↑ 125 25 ns th(D) Hold time, DATA IN after CLOCK ↑ 125 25 ns td(CKH-LEH) Delay time, CLOCK ↑ to LATCH ENABLE high 125 25 ns switching characteristics, VBB = 60 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT t d Propagation delay time LATCH ENABLE to Q outputs VCC1 = 5 V 1 µs tpd Propagation delay time, LATCH ENABLE to Q outputs VCC1 = 15 V 0.5 µs |
Similar Part No. - TL4810BI |
|
Similar Description - TL4810BI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |