Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7770-5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL7770-5
Description  DUAL POWER-SUPPLY SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7770-5 Datasheet(HTML) 3 Page - Texas Instruments

  TL7770-5 Datasheet HTML 1Page - Texas Instruments TL7770-5 Datasheet HTML 2Page - Texas Instruments TL7770-5 Datasheet HTML 3Page - Texas Instruments TL7770-5 Datasheet HTML 4Page - Texas Instruments TL7770-5 Datasheet HTML 5Page - Texas Instruments TL7770-5 Datasheet HTML 6Page - Texas Instruments TL7770-5 Datasheet HTML 7Page - Texas Instruments TL7770-5 Datasheet HTML 8Page - Texas Instruments TL7770-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TL7770-5, TL7770-12
DUAL POWER-SUPPLY SUPERVISORS
SLVS019F – OCTOBER 1987 – REVISED JULY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements
RESET
VIT–
VSU
VIT+
VCC = 1 V (TYP)
VOH
VOL
Undefined Operation
for VCC Less Than 1 V
VOL
VOH
VT
VSO
SCR DRIVE
td
td
td
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: 1VSU, 2VSU, 1VSO, and 2VSO (see Note 1)
–0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . .
Low-level output current (1RESET and 2RESET), IOL
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
High-level output current (1RESET and 2RESET), IOH
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): DW package
57
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
88
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.


Similar Part No. - TL7770-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7770-5 TI-TL7770-5 Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5 TI-TL7770-5 Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5CDW TI-TL7770-5CDW Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5CDW TI-TL7770-5CDW Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5CDWE4 TI-TL7770-5CDWE4 Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
More results

Similar Description - TL7770-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7770-5 TI-TL7770-5_06 Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770 TI-TL7770 Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
logo
Micrel Semiconductor
MIC2753 MICREL-MIC2753_02 Datasheet
68Kb / 12P
   Power Supply Supervisors
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com