Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC073 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC073
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC073 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC073 Datasheet HTML 5Page - Texas Instruments TLC073 Datasheet HTML 6Page - Texas Instruments TLC073 Datasheet HTML 7Page - Texas Instruments TLC073 Datasheet HTML 8Page - Texas Instruments TLC073 Datasheet HTML 9Page - Texas Instruments TLC073 Datasheet HTML 10Page - Texas Instruments TLC073 Datasheet HTML 11Page - Texas Instruments TLC073 Datasheet HTML 12Page - Texas Instruments TLC073 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219F − JUNE 1999 − REVISED DECEMBER 2011
9
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
A
Large-signal differential voltage
V
8 V
R
10 kΩ
25°C
120
140
dB
AVD
Large signal differential voltage
amplification
VO(PP) = 8 V,
RL = 10 kΩ
Full range
120
dB
ri(d)
Differential input resistance
25°C
1000
CIC
Common-mode input
capacitance
f = 10 kHz
25°C
21.6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25°C
0.25
Ω
CMRR
Common mode rejection ratio
V
1 to 10 V
R
50 Ω
25°C
80
100
dB
CMRR
Common-mode rejection ratio
VIC = 1 to 10 V,
RS = 50 Ω
Full range
80
dB
k
Supply voltage rejection ratio
VDD = 4.5 V to 16 V,
VIC = VDD/2,
25°C
80
100
dB
kSVR
Supply voltage rejection ratio
(ΔVDD /ΔVIO)
VDD = 4.5 V to 16 V,
No load
VIC = VDD/2,
Full range
80
dB
I
Supply current (per channel)
V
75 V
No load
25°C
2.1
2.9
mA
IDD
Supply current (per channel)
VO = 7.5 V,
No load
Full range
3.5
mA
I
Supply current in shutdown
mode (TLC070 TLC073
SHDN ≤ 08 V
25°C
125
200
A
IDD(SHDN)
mode (TLC070, TLC073,
TLC075) (per channel)
SHDN ≤ 0.8 V
Full range
250
μA
Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Similar Part No. - TLC073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC073 TI-TLC073 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC073 TI-TLC073 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC073AID TI-TLC073AID Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC073AID TI-TLC073AID Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC073AID TI-TLC073AID Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com