Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC082QDGNRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC082QDGNRQ1
Description  Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC082QDGNRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC082QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 9Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 10Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 11Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 12Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 13Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 14Page - Texas Instruments TLC082QDGNRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
1k
10k
20
50
1M
10M
f − Frequency − Hz
Gain
80
70
60
40
30
10
100k
−10
−20
100M
−180
−135
0
−45
−90
−225
Phase
VDD = ±2.5 V
RL = 10 kW
CL = 0 pF
TA = 25 C
°
0
1k
10k
20
50
1M
10M
f − Frequency − Hz
Gain
80
70
60
40
30
10
100k
−10
−20
100M
−180
−135
0
−45
−90
−225
Phase
VDD = ±6 V
RL = 10 kW
CL = 0 pF
TA = 25 C
°
−120
10
100
−80
−20
10k
f − Frequency − Hz
0
−40
−60
−100
1k
−140
−160
100k
VDD = 5 V and 12 V
AV = 1
RL = 10 kW
VI(PP) = 2 V
For All Channels
0
2
4
6
8
10
12
f - Frequency - Hz
100k
1M
10M
10k
THD+N ≤ 5%
RL= 10 kW
TA = 25 C
°
VDD = 12 V
VDD = 5 V
0
2
4
6
8
10
12
f - Frequency - Hz
100k
1M
10M
10k
THD+N ≤ 5%
RL = 600 W
TA = 25 C
°
VDD = 12 V
VDD = 5 V
0
10
100
10
25
10k
100k
f − Frequency − Hz
VDD = 5 V
40
VDD = 12 V
35
30
20
15
5
1k
11
TLC082-Q1, TLC084-Q1
www.ti.com
SLOS510D – SEPTEMBER 2006 – REVISED AUGUST 2016
Product Folder Links: TLC082-Q1 TLC084-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 13. Equivalent Input Noise Voltage vs Frequency
Figure 14. Peak-to-Peak Output Voltage vs Frequency
Figure 15. Peak-to-Peak Output Voltage vs Frequency
Figure 16. Crosstalk vs Frequency
Figure 17. Differential Voltage Gain and Phase
vs Frequency
Figure 18. Differential Voltage Gain and Phase
vs Frequency


Similar Part No. - TLC082QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC082QDGNRQ1 TI1-TLC082QDGNRQ1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC082QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072-Q1 TI1-TLC072-Q1 Datasheet
412Kb / 21P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TLC072-Q1 TI-TLC072-Q1_15 Datasheet
907Kb / 24P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com