Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL520 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL520
Description  Linear, Fixed Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL520 Datasheet(HTML) 4 Page - Supertex, Inc

  CL520 Datasheet HTML 1Page - Supertex, Inc CL520 Datasheet HTML 2Page - Supertex, Inc CL520 Datasheet HTML 3Page - Supertex, Inc CL520 Datasheet HTML 4Page - Supertex, Inc CL520 Datasheet HTML 5Page - Supertex, Inc CL520 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CL520
Supertex inc.
www.supertex.com
Doc.# DSFP-CL520
A052013
Application Circuits
Ground Referenced LEDs
Control
V
IN
OUT
GND
VDD
100nF
20mA
Pin Description
Pin #
Name
Description
TO-252
D-PAK
(K4)
TO-92
(N3)
1
1
VDD
Supply voltage for the CL520. Bypass locally with a 100nF capacitor to
ground.
3
2
OUT
Constant current output (sink).
4
3
GND
Circuit common.
I
LED = IOUT + IDD
V
LED + 4.75V ≤ VIN ≤ VLED + 90V


Similar Part No. - CL520

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525K4-G SUTEX-CL525K4-G Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-G SUTEX-CL525N3-G Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-GP002 SUTEX-CL525N3-GP002 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-GP003 SUTEX-CL525N3-GP003 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
More results

Similar Description - CL520

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
   Linear, Fixed, 100mA Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
   Linear, Fixed, 100mA Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com