Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65121RGT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65121RGT
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65121RGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65121RGT Datasheet HTML 2Page - Texas Instruments TPS65121RGT Datasheet HTML 3Page - Texas Instruments TPS65121RGT Datasheet HTML 4Page - Texas Instruments TPS65121RGT Datasheet HTML 5Page - Texas Instruments TPS65121RGT Datasheet HTML 6Page - Texas Instruments TPS65121RGT Datasheet HTML 7Page - Texas Instruments TPS65121RGT Datasheet HTML 8Page - Texas Instruments TPS65121RGT Datasheet HTML 9Page - Texas Instruments TPS65121RGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
12
11
10
9
5
6
7
8
13
15
16
EN
RUN
ENVGL
ENVGH
PGND
BOOT
VGH
FBH
1
2
3
4
12
11
10
9
5
6
7
8
13
14
15
16
EN
RUN
AGND
AGND
PGND
BOOT
VGH
FBH
1
2
3
4
12
11
10
9
5
6
7
8
13
14
15
16
Exposed
Thermal Die*
EN
RUN
LDOIN
LDOOUT
PGND
BOOT
VGH
FBH
AGND
Exposed
Thermal Die*
AGND
14
Exposed
Thermal Die*
AGND
TPS65120/1/2
(TOP VIEW)
TPS65123
(TOP VIEW)
TPS65124
(TOP VIEW)
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531 – JUNE 2004
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VIN
15
I
This is the input voltage pin of the device.
This pin can either be the gate driver output to an external small P-Channel MOSFET (see application
GATE
16
I/O
section), or an active high control input. Pulling GATE above the 1.4 V logic-high level and RUN to a logic-low
level disables the integrated active power-down sequencing.
RUN controls the external P-Channel MOSFET. This pin must be terminated and not be left floating. Forcing
RUN
2
I
this pin to a logic-high level turns on the external MOSFET switch.
This is the enable pin of the multiple-output dc-to-dc converter. This pin must be terminated and not be left
EN
1
I
floating. A simultaneous logic-high level on EN and RUN enables the converter and a logic-low shuts down
the device.
SWN
14
I/O
Connect the inductor to this pin. This pin is connected to the source of the high-side MOSFET switch.
SWP
13
I/O
Connect the inductor to this pin. This pin is connected to the drain of the low-side MOSFET switch.
PGND
12
O
Power ground. Connect to AGND underneath the IC.
VGH
10
O
Positive output
Provides a bootstrapped supply for the rectifier MOSFET driver, enabling the gate of the MOSFET to be
BOOT
11
O
driven above the output voltage.
VMAIN
8
I
Main output
FBH
9
I
Feedback pin for the positive output voltage divider. Regulates to 1.213 V nominal.
Feedback pin for the negative output voltage divider. Regulates to 0 V nominal. Connect feedback resistor
FBL
5
I
divider between VGL and main output.
FBM
6
I
Feedback pin for the main output voltage divider. Regulates to 1.213V nominal.
Analog ground. Connect to power ground (PGND) underneath IC. Pins 3 and 4 are only used for AGND in
AGND
7, 3, 4
TPS65123.
Auxiliary linear regulator input. If this pin is connected to GND, the voltage regulator is disabled
LDOIN
3
I
(TPS65120/1/2). The low-dropout series-pass regulator (LDO) is enabled according to the GATE signal
timing.
LDOOUT
4
O
Auxiliary linear regulator output (TPS65120/1/2).
ENVGL
3
I
Enable pin for negative output (TPS65124). This pin should be terminated and not be left floating.
ENVGH
4
I
Enable pin for positive output (TPS65124). This pin should be terminated and not be left floating.
6


Similar Part No. - TPS65121RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65121RGT TI1-TPS65121RGT Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTR TI1-TPS65121RGTR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTRG4 TI1-TPS65121RGTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTT TI1-TPS65121RGTT Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65121RGTTG4 TI1-TPS65121RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65121RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com