Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6132VFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6132VFP
Description  HIGH EFFICIENCY CLASS-G ADSL LINE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6132VFP Datasheet(HTML) 3 Page - Texas Instruments

  THS6132VFP Datasheet HTML 1Page - Texas Instruments THS6132VFP Datasheet HTML 2Page - Texas Instruments THS6132VFP Datasheet HTML 3Page - Texas Instruments THS6132VFP Datasheet HTML 4Page - Texas Instruments THS6132VFP Datasheet HTML 5Page - Texas Instruments THS6132VFP Datasheet HTML 6Page - Texas Instruments THS6132VFP Datasheet HTML 7Page - Texas Instruments THS6132VFP Datasheet HTML 8Page - Texas Instruments THS6132VFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
THS6132
SLLS543A − SEPTEMBER 2002 − REVISED FEBRUARY 2003
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage
+VCC(H) to −VCC(H)
±VCC(L)
±15
±16
V
Supply voltage
+VCC(L) to −VCC(L)
±3.3
±5 ±VCC(H)
V
Operating free-air temperature, TA
−40
85
°C
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, TA = 25°C,VCC(H) = ±15 V, VCC(L) = ±5 V RF = 1.5 kΩ, Gain = +10, Full Bias Mode, RL
= 50
Ω (unless otherwise noted)
NOISE/DISTORTION PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Multitone power ratio
Gain =+11, 163kHz to 1.1MHz DMT,
+20 dBm Line Power, 1:1.1 transformer,
active termination, synthesis factor = 4
−74
dBc
Receive band spill-over
Gain =+11, 25 kHz to 138 kHz with MTPR signal
applied
−95
dBc
Harmonic distortion (Differential
2nd harmonic
Differential load = 100
−84
dBc
HD
Harmonic distortion (Differential
Configuration, f = 1 MHz,
2nd harmonic
Differential load = 25
−69
dBc
HD
Configuration, f = 1 MHz,
VO(PP) = 2 V, Gain = +10)
3rd harmonic
Differential load = 100
−92
dBc
VO(PP) = 2 V, Gain = +10)
3rd harmonic
Differential load = 25
−73
dBc
Vn
Input voltage noise
f = 10 kHz
3.5
nV/
√Hz
In
Input current noise
+Input
f = 10 kHz
3.3
pA/
√Hz
In
Input current noise
−Input
f = 10 kHz
9.5
pA/
√Hz
Crosstalk
f = 1 MHz,
RL = 100 Ω,
VO(PP) = 2 V,
Gain = +2
−52
dBc
OUTPUT CHARACTERISTICS
VCC(H) = ±12 V
RL = 100 Ω
±10.4 ±10.8
V
VO
Single−ended output voltage swing
VCC(H) = ±12 V
RL = 30 Ω
±9.9 ±10.4
V
VO
Single−ended output voltage swing
VCC(H) = ±15 V
RL = 100 Ω
±13.3 ±13.8
V
VCC(H) = ±15 V
RL = 50 Ω
±13 ±13.6
V
Output voltage transition from VCC(L) to
RL = 50 Ω
VCC(L) = ±5 V
±3.1
V
Output voltage transition from VCC(L) to
VCC(H) (Point where ICC(L) = ICC(H))
RL = 50 Ω
VCC(L) = ±6 V
±3.9
V
IO
Output current (1)
RL = 10 Ω
VCC(H) = ±12 V
±500
mA
IO
Output current (1)
RL = 10 Ω
VCC(H) = ±15 V
±400
±500
mA
I(SC)
Short-circuit current (1)
RL = 1 Ω
VCC(H) = ±15 V
±750
mA
Output resistance
Open-loop
5
Output resistance—terminate mode
f = 1 MHz,
Gain = +10
0.35
Output resistance—shutdown mode
f = 1 MHz,
Open-loop
5.5
k
(1) A heatsink is required to keep the junction temperature below absolute maximum rating when an output is heavily loaded or shorted. See
Absolute Maximum Ratings section for more information.


Similar Part No. - THS6132VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132VFP TI-THS6132VFP Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
THS6132VFPR TI-THS6132VFPR Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
More results

Similar Description - THS6132VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132 TI-THS6132 Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
logo
XFMRS Inc.
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com