Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP30K Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # EGP30K
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EGP30K Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  EGP30K Datasheet HTML 1Page - Diode Semiconductor Korea EGP30K Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffus ed junction
Low leakage
Low forward voltage drop
MECHANICAL DATA
Term inals: Axial lead ,solderable per
MIL- STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15gram s
Mounting pos ition: Any
Ratings at 25
 ambient temperature unles s otherwise s pecified.
Single phas e,half wave,60 Hz,resis tive or inductive load. For capacitive load,derate by 20%.
EGP
30C
EGP
30D
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectified current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=125
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
RθJA
RθJL
Operating junction temperature range
TJ
Storage temperature range
TSTG
VOLTAGE RANGE: 50 --- 800 V
CURRENT: 3.0 A
35
70
105
140
210
280
420
560
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3.Thermal resistance junction to ambient.
IFSM
IR
NOTE: 1. Measured with I
F=0.5A, I R=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 150
A
- 55 ---- + 150
DO - 27
EGP30A(Z)---EGP30K(Z)
8.5
EGP
30B
A
High surge current capability
HIGH EFFICIENCY RECTIFIERS
Eas ily cleaned with alcohol,Isopropanol
and sim ilar s olvents
3.0
50
100
150
200
300
400
600
800
The plas tic m aterial carries U/L recognition 94V-0
Case:JEDEC DO--27,m olded plas tic
EGP
30A
50
100
150
200
300
400
600
800
EGP
30F
20
Typical thermal resistance
(Note3)
IF(AV)
A
/W
125.0
0.95
1.25
1.7
5.0
100.0
EGP EGP EGP
30G
30J
30K
95
75
50
75
/W
Typical thermal resistance
(Note4)
4.Thermal resistance junction to lead.
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - EGP30K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30K ZOWIE-EGP30K Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
EGP30K ZSELEC-EGP30K Datasheet
90Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Micro Commercial Compon...
EGP30K MCC-EGP30K Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
Fairchild Semiconductor
EGP30K FAIRCHILD-EGP30K Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
EGP30K TSC-EGP30K Datasheet
73Kb / 2P
   3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
More results

Similar Description - EGP30K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com