Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6184RHFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6184RHFR
Description  DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6184RHFR Datasheet(HTML) 2 Page - Texas Instruments

  THS6184RHFR Datasheet HTML 1Page - Texas Instruments THS6184RHFR Datasheet HTML 2Page - Texas Instruments THS6184RHFR Datasheet HTML 3Page - Texas Instruments THS6184RHFR Datasheet HTML 4Page - Texas Instruments THS6184RHFR Datasheet HTML 5Page - Texas Instruments THS6184RHFR Datasheet HTML 6Page - Texas Instruments THS6184RHFR Datasheet HTML 7Page - Texas Instruments THS6184RHFR Datasheet HTML 8Page - Texas Instruments THS6184RHFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
THS6184
SLLS635D – AUGUST 2005 – REVISED JANUARY 2009 ................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Over operating free-air temperature range (unless otherwise noted).
UNIT
VS– to VS+ Supply voltage
33 V
VI
Input voltage
±VS
VID
Differential input voltage
±2 V
IO
Output current – Static DC(2)
±100 mA
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, any condition(3)
150°C
TJ
Maximum junction temperature, continuous operation, long term reliability(4)
130°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
HBM
900 V
ESD ratings
CDM
1500 V
MM
100 V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
The THS6184 incorporates a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be connected to a thermally
dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature which could
permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD™ thermally
enhanced package. Under high frequency ac operation (>10 kHz), the short-term output current capability is much greater than the
continuous DC output current rating. This short-term output current rating is about 8.5× the dc capability, or about ±850 mA.
(3)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(4)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Continuous operation above
this temperature may result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
TJ = 130°C
PACKAGE
θ
JC (°C/W)
θ
JA (°C/W)
(1)
TA = 25°C
TA = 85°C
QFN-24 (RHF)
1.7
32(3)
3.3 W
1.4 W
HTSSOP-20 (PWP)
27.5
45
2.3 W
1 W
(1)
This data was taken using a 4-layer, 3-inch × 3-inch test PCB with the PowerPAD soldered to the PCB. For high power dissipation
applications, soldering the PowerPAD to the PCB is required. Failure to do so may result in reduced reliability and/or lifetime of the
device. See TI technical brief SLMA002 for more information about utilizing the PowerPAD thermally enhanced package.
(2)
Power rating is determined with a junction temperature of 130°C. This is the point where distortion starts to substantially increase and
long-term reliability starts to be reduced. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125°C for best performance and reliability.
(3)
If the PowerPAD is not soldered to the PCB, the
θ
JA increases to 74°C/W for the RHF package.
2
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6184


Similar Part No. - THS6184RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184RHFR TI-THS6184RHFR Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFRG4 TI-THS6184RHFRG4 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
More results

Similar Description - THS6184RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com