Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2960AIM-5.0 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2960AIM-5.0
Description  Adjustable Micropower 0.5A Low-Dropout Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960AIM-5.0 Datasheet(HTML) 4 Page - Texas Instruments

  LP2960AIM-5.0 Datasheet HTML 1Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 2Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 3Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 4Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 5Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 6Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 7Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 8Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP2960
SNVS112C – APRIL 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: CIN = 4.7 μF, VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 10 μF for 5V parts or COUT = 22 μF for 3.3V
parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin, VS/D = 2V.
LP2960AI(1)
LP2960I(1)
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Min
Max
DROPOUT DETECTION COMPARATOR
IOH
1
1
Output HIGH Leakage
VOH = 30V
0.01
μA
2
2
VOL
VIN = VO(NOM) − 1V
250
250
Output LOW Voltage
125
mV
IO(COMP) = 400 μA
400
400
VTHR(max)
−80
−35
−80
−35
Upper Threshold Voltage
See(10)
−60
mV
−100
−25
−100
−25
VTHR(min)
−130
−70
−130
−70
Lower Threshold Voltage
See(10)
−85
mV
−200
−35
−200
−35
HYST
Hysteresis
See(10)
25
mV
SHUTDOWN INPUT
VOS
−18
18
−18
18
Input Offset Voltage
(Referred to VREF)
±5
mV
−24
24
−24
24
HYST
Hysteresis
(Referred to VREF)
10
mV
IB
−60
60
−60
60
Input Bias Current
VS/D = 0–5V
−20
nA
−100
100
−100
100
IOUT(S/D)
Regulator Output Current
12
12
See(11)
3
μA
in Shutdown
20
20
AUXILIARY COMPARATOR
VOS
−15
15
−15
15
Input Offset Voltage
(Referred to VREF)
±5
mV
−20
20
−20
20
HYST
Hysteresis
(Referred to VREF)
10
mV
IB
−60
60
−60
60
Input Bias Current
VCOMP = 0–5V
−20
nA
−100
100
−100
100
IOH
1
1
Output HIGH Leakage
VOH = 30V, VCOMP = 1.3V
0.01
μA
2
2
VOL
250
250
Output LOW Voltage
VCOMP = 1.1V, IO = 400 μA
125
mV
400
400
(10) Dropout detection comparator threshold voltages are expressed in terms of a voltage differential measured at the Feedback terminal
below the nominal reference voltage, which is the reference voltage measured with VIN = VO(NOM) + 1V. To express these thresholds in
terms of output voltage change, multiply by the error amplifier gain which is VO/VREF = (R1 + R2)/R2 (see Basic Application Circuit).
(11) Vshutdown
≤ 1.1V, VIN < 30V, VOUT = 0V.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2960


Similar Part No. - LP2960AIM-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960AIM-5.0 NSC-LP2960AIM-5.0 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960AIM-5.0 TI1-LP2960AIM-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960AIM-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960IMX-33 TI1-LP2960IMX-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com