Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS34C87TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS34C87TM
Description  CMOS Quad TRISTATE Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS34C87TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS34C87TM Datasheet HTML 1Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 2Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 3Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 4Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 5Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 6Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 7Page - National Semiconductor (TI) DS34C87TM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Test Circuit and Switching Time Waveforms
DS008576-3
Note: C1 = C2 = C3 = 40 pF (including Probe and Jig Capacitance), R1 = R2 = 50
Ω,R3 = 500Ω
FIGURE 1. AC Test Circuit
DS008576-4
FIGURE 2. Propagation Delays
DS008576-5
FIGURE 3. Enable and Disable Times
DS008576-7
Input pulse; f = 1 MHz, 50%,tr ≤ 6 ns, tf ≤ 6ns
FIGURE 4. Differential Rise and Fall Times
DS008576-8
FIGURE 5. Propagation Delays Test Circuit
for “LS-Type” Load
DS008576-6
FIGURE 6. Differential Rise and Fall Times
Test Circuit for “LS-Type” Load
DS008576-9
FIGURE 7. Load Enable and Disable Times
Test Circuit for “LS-Type” Load
www.national.com
4


Similar Part No. - DS34C87TM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS34C87TM TI1-DS34C87TM Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
DS34C87TM/NOPB TI1-DS34C87TM/NOPB Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX/NOPB TI1-DS34C87TMX/NOPB Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
More results

Similar Description - DS34C87TM

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL34C87 IKSEMICON-IL34C87 Datasheet
206Kb / 6P
   CMOS Quad TRISTATE Differential Line Driver
logo
Integral Corp.
IL34C87 INTEGRAL-IL34C87 Datasheet
150Kb / 4P
   CMOS Quad TRISTATE Differential Line Driver.
logo
National Semiconductor ...
DS34LV87T NSC-DS34LV87T Datasheet
125Kb / 7P
   Enhanced CMOS Quad Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com