Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IM-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2989IM-2.5
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IM-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  LP2989IM-2.5 Datasheet HTML 1Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 2Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 3Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 4Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 5Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 6Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 7Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 8Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
If Military/Aerospace specified devices are required contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(1)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Power dissipation(2)
Internally Limited
Input supply voltage
Survival
–0.3
16
V
SENSE pin
–0.3
6
V
Output voltage
Survival(3)
–0.3
16
V
IOUT (Survival)
Short-circuit protected
Input-output voltage
Survival(4)
–0.3
16
V
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = (TJ(MAX) – TA) / RθJA. The value RθJA for the WSON (NGN) package is specifically dependent on PCB trace area, trace
material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON package,
refer to Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401).. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2989 output must be diode-clamped to
ground.
(4)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Forcing the output above the
input will turn on this diode and may induce a latch-up mode which can damage the part.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989


Similar Part No. - LP2989IM-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989IM-2.5 NSC-LP2989IM-2.5 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
More results

Similar Description - LP2989IM-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com