Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IM-2.5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2989IM-2.5
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IM-2.5 Datasheet(HTML) 1 Page - Texas Instruments

  LP2989IM-2.5 Datasheet HTML 1Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 2Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 3Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 4Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 5Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 6Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 7Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 8Page - Texas Instruments LP2989IM-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With
Ceramic Output Capacitors
1 Features
3 Description
The LP2989 is a fixed-output 500-mA precision LDO
1
2.1-V to 16-V Input Voltage Range
regulator designed for use with ceramic output
2.5-V to 5-V Fixed Output Voltage Options
capacitors.
Ultra-Low Dropout Voltage
Output noise can be reduced to 18
μV (typical) by
500-mA Continuous Output Current
connecting an external 10-nF capacitor to the bypass
Very Low Output Noise With External Capacitor
pin.
< 0.8-µA Quiescent Current When Shutdown
Using an optimized Vertically Integrated PNP (VIP)
Low Ground Pin Current at All Loads
process, the LP2989 delivers superior performance:
Dropout Voltage: Typically 310 mV at 500-mA
0.75% Output Voltage Accuracy (A Grade)
load, and 1 mV at 100-µA load.
High Peak Current Capability (800-mA typical)
Ground Pin Current: Typically 3 mA at 500-mA
Overtemperature and Overcurrent Protection
load, and 110 µA at 100-µA load.
−40°C to 125°C Junction Temperature Range
Sleep Mode: The LP2989 draws less than 0.8-µA
quiescent current when SHUTDOWN pin is pulled
2 Applications
low.
Notebooks and Desktop PCs
Error Flag: The built-in error flag goes low when
the
output
drops
approximately
5%
below
PDAs and Palmtop Computers
nominal.
Wireless Communication Pins
Precision Output: Output voltage accuracy is
SMPS Post-Regulators
0.75% (A grade) and 1.25% (standard grade) at
room temperature.
For output voltages < 2 V, see LP2989LV (SNVS086)
data sheet.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (8)
4.00 mm x 4.00 mm
LP2989
SOIC (8)
4.90 mm x 3.91 mm
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
*Capacitance values shown are minimum required to assure stability, but may be increased without limit. Larger
output capacitor provides improved dynamic response. See the Output Capacitor section.
**Shutdown must be actively terminated (see the Shutdown Input Operation section). Tie to IN (pin 4) if not use.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2989IM-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989IM-2.5 NSC-LP2989IM-2.5 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
More results

Similar Description - LP2989IM-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com