Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62205DBV Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62205DBV
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62205DBV Datasheet(HTML) 5 Page - Texas Instruments

  TPS62205DBV Datasheet HTML 1Page - Texas Instruments TPS62205DBV Datasheet HTML 2Page - Texas Instruments TPS62205DBV Datasheet HTML 3Page - Texas Instruments TPS62205DBV Datasheet HTML 4Page - Texas Instruments TPS62205DBV Datasheet HTML 5Page - Texas Instruments TPS62205DBV Datasheet HTML 6Page - Texas Instruments TPS62205DBV Datasheet HTML 7Page - Texas Instruments TPS62205DBV Datasheet HTML 8Page - Texas Instruments TPS62205DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
DYNAMIC VOLTAGE POSITIONING
SOFT START
LOW DROPOUT OPERATION 100% DUTY CYCLE
Vin
min + Voutmax ) Ioutmax
r
ds
(ON)max ) RL
Ioutmax = maximum output current plus inductor ripple current
rds(ON)max = maximum P-channel switch rds(ON)
RL = DC resistance of the inductor
Voutmax = nominal output voltage plus maximum output voltage tolerance
ENABLE
UNDERVOLTAGE LOCKOUT
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
DETAILED DESCRIPTION (continued)
As described in the power save mode operation sections and as detailed in Figure 2, the output voltage is
typically 0.8% above the nominal output voltage at light load currents, as the device is in power save mode. This
gives additional headroom for the voltage drop during a load transient from light load to full load. During a load
transient from full load to light load, the voltage overshoot is also minimized due to active regulation turning on
the N-channel rectifier switch.
The TPS6220x has an internal soft start circuit that limits the inrush current during start-up. This prevents
possible voltage drops of the input voltage in case a battery or a high impedance power source is connected to
the input of the TPS6220x.
The soft start is implemented as a digital circuit increasing the switch current in steps of typically 60 mA,120 mA,
240 mA and then the typical switch current limit of 480 mA. Therefore the start-up time mainly depends on the
output capacitor and load current. Typical start-up time with 10 µF output capacitor and 200 mA load current is
800 µs.
The TPS6220x offers a low input to output voltage difference, while still maintaining operation with the 100%
duty cycle mode. In this mode, the P-channel switch is constantly turned on. This is particularly useful in battery
powered applications to achieve longest operation time by taking full advantage of the whole battery voltage
range. The minimum input voltage to maintain regulation, depending on the load current and output voltage, can
be calculated as
Pulling the enable low forces the part into shutdown, with a shutdown quiescent current of typically 0.1 µA. In
this mode, the P-channel switch and N-channel rectifier are turned off, the internal resistor feedback divider is
disconnected, and the whole device is in shutdown mode. If an output voltage, which could be an external
voltage source or super cap, is present during shutdown, the reverse leakage current is specified under
electrical characteristics. For proper operation the enable pin must be terminated and must not be left floating.
Pulling the enable high starts up the TPS6220x with the soft start as previously described.
The undervoltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on the switch or rectifier MOSFET under undefined conditions.
5
Submit Documentation Feedback


Similar Part No. - TPS62205DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62205DBV TI-TPS62205DBV Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205DBVR TI1-TPS62205DBVR Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205DBVRG4 TI1-TPS62205DBVRG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205DBVT TI1-TPS62205DBVT Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205DBVTG4 TI1-TPS62205DBVTG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62205DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com