Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER602 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # HER602
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

HER602 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  HER602 Datasheet HTML 1Page - Diode Semiconductor Korea HER602 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
100
300
110
100
150
5
50
250
200
50
350
8.3ms Single Half
Sine-Wave
TJ=25℃
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
HER601 --- HER608
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10/20 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M
.22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
trr
-1.0A
-0.25A
0
+0.5A
1cm
0
0.1
1
10
100
TJ=25
Pulse W idth=300
µS
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2
50\100\200V
600\800\1000V
300\400V
50
10
0.1
0
25
HER606-HER608
0.5 1
2
1000
100
20
200
HER601-HER605
125
75
100
150
175
44 0
     TJ=25
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
0
0
25
50
125
100
75
175
150
1.0
2.0
3.0
4.0
5.0
6.0
PULSE
GENERATOR
(NOTE2)
D.U.T.
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(approx)
(-)
1
NONIN-
DUCTIVE
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - HER602

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER602 YFWDIODE-HER602 Datasheet
286Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Won-Top Electronics
HER602 WTE-HER602 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
HER602 GXELECTRONICS-HER602 Datasheet
328Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER602 YANGJIE-HER602 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
HER602 YANGJIE-HER602 Datasheet
133Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HER602

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com