Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER2060C Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # HER2060C
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

HER2060C Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  HER2060C Datasheet HTML 1Page - Diode Semiconductor Korea HER2060C Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10
100
1000
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
41
0
2
0
40
1
00
f=1MHz
TJ=25
FIG.2 -- TYP ICAL FORW ARD CHARACTERIS TIC
FIG.3 -- FORW ARD DERATING CURV E
z
FIG.4 -- TYP ICAL JUNCTION CAP ACITANCE
FIG.5 -- P EAK FORW ARD S URGE CURRENT
CASE TE M P E RA TURE ,
NUM B E R OF CY CLE S A T 60Hz
RE V E RS E V OLTA GE ,V OLTS
HER2010C---HER2060C
FIG.1 -- TES T CIRCUIT DIAGRAM AND REV ERS E RECOV ERY TIM E CHARACTERIS TIC
S E T TIM E B A SE FOR 25 ns /c m
N OTES:1 .R ISE TIME = 7n s MAX.IN PU T IMPED AN C E = 1M
.2 2p F.
JJJJJ2.R ISE TIME =10 ns MAX.SOU R C E IMPED AN C E=5 0
.
INS TA NTA NE OUS FORW A RD V OLTA GE , V OLTS
t rr
-1 .0 A
-0 .2 5 A
0
+ 0 . 5 A
1c m
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
4
8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
175
12
16
20
24
0
200
1
10
100
100
5
8.3msSingleHalf
Sine-Wave
50
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - HER2060C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER2060C LUGUANG-HER2060C Datasheet
176Kb / 2P
   High Efficiency Rectifiers
More results

Similar Description - HER2060C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com