Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV4F2GSNGH1 Datasheet(PDF) 1 Page - E-SWITCH

Part # ULV4F2GSNGH1
Description  ULV4 Series Anti-vandal Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ULV4F2GSNGH1 Datasheet(HTML) 1 Page - E-SWITCH

  ULV4F2GSNGH1 Datasheet HTML 1Page - E-SWITCH ULV4F2GSNGH1 Datasheet HTML 2Page - E-SWITCH ULV4F2GSNGH1 Datasheet HTML 3Page - E-SWITCH ULV4F2GSNGH1 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Features & Benefits
Applications / Markets
Part Number Configurator
ULV4 Series Anti-vandal Switch
Specifications subject to change without notice
• 19mm diameter panel cutout
• Dot or ring or power illumination options available
• Multiple switch functions available
• Multiple illumination voltage options
• IP67 rated
• SPDT or DPDT
• UL Certified
• Custom graphics available
Electrical Rating: 3A, 250VAC
Mechanical Life: 1,000,000 cycles (momentary); 500,000
cycles (latching)
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ
Insulation Resistance: 1000 MΩ @ 500VDC
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 3.2mm
Moisture Protection: IP67
Contact Arrangement: SPDT or DPDT
Actuation Force: Single Pole: 2.5N; Double Pole: 3.5N
Panel Thickness: 1-10mm
Hex Nut Torque: 5-14Nm
Mechanical Impact Protection: IK10
Agency Approvals: cURus
ULV4
F - Flat
None - Silver
G - Gold
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
Series
Actuator
Contact
Material
Body
Finish
Medical Equipment
2 - Solder
Terminal
3 - 1P ON-ON
B - 1P ON-(ON)*
G - 2P ON-ON
H - 2P ON-(ON)*
Function
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
Actuator
Finish
None - Non-
Illuminated
2 - Dot
Illumination
3 - Ring,
moveable with
actuator
5 - Power
symbol
Lens
Style
None - Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
C - White / Green
G - Red / Green
H - Red / Blue
J - Red / Yellow
K - Orange / Green
L - Orange / Blue
M - Orange / Yellow
N - Green / Blue
P - Green / Yellow
Q - Blue / Yellow
LED
Color
None - Non-
Illuminated
1 - 3V
3 - 6V
4 - 12V
5 - 24V
6 - 110V
7 - 220V
Illumination
Voltage
NOTES:
*( ) denotes function is momentary
Call us for custom graphic options 800-867-2717


Similar Part No. - ULV4F2GSNGH1

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ULV400 RHOPOINT-ULV400 Datasheet
239Kb / 2P
   ULV/ULH TYPE
More results

Similar Description - ULV4F2GSNGH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
   pV6 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
   pV9 SerieS anti-Vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
   ulV7 SerieS anti-Vandal Switch
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
   pV0 SerieS anti-Vandal Switch
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
   PVK4 Series Anti-vandal Switch
11.29.2022
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com