Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN1509N8-G Datasheet(PDF) 3 Page - Microchip Technology

Part # DN1509N8-G
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN1509N8-G Datasheet(HTML) 3 Page - Microchip Technology

  DN1509N8-G Datasheet HTML 1Page - Microchip Technology DN1509N8-G Datasheet HTML 2Page - Microchip Technology DN1509N8-G Datasheet HTML 3Page - Microchip Technology DN1509N8-G Datasheet HTML 4Page - Microchip Technology DN1509N8-G Datasheet HTML 5Page - Microchip Technology DN1509N8-G Datasheet HTML 6Page - Microchip Technology DN1509N8-G Datasheet HTML 7Page - Microchip Technology DN1509N8-G Datasheet HTML 8Page - Microchip Technology DN1509N8-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2015 Microchip Technology Inc.
DS20005403B-page 3
DN1509
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Drain-to-source voltage................................................................................................................................................................ BVDSX
Drain-to-gate voltage....................................................................................................................................................................BVDGX
Gate-to-source voltage................................................................................................................................................................... ±20V
Operating and storage temperature............................................................................................................................. -55°C to +150°C
1.1
Electrical Specifications
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle.
2: Specification is obtained by characterization and is not 100% tested.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
DC AND AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
DC Parameters (Note 1, unless otherwise stated)
BVDSX
Drain-to-source breakdown voltage
90
V
VGS = -5V, ID = 1.0µA
VGS(OFF)
Gate-to-source off voltage
-1.8
-3.5
V
ID = 10µA
∆VGS(OFF)
VGS(OFF) change with temperature
-4.5
mV/°C VDS = 15V, ID= 10µA (Note 2)
IGSS
Gate body leakage
100
nA
VGS = ±20V, VDS = 0V
ID(OFF)
Drain-to-source leakage current
––
1.0
µA
VDS = BVDSX, VGS = -5.0V
––
1.0
mA
VDS = 0.8 BVDSX,
VGS = -5.0V, TA= 125°C (Note 2)
IDSS
Saturated drain-to-source current
300
540
mA
VGS = 0V, VDS = 25V
RDS(ON)
Static drain-to-source on-state
resistance
–3.2
6.0
VGS = 0V, ID= 200mA
∆RDS(ON)
Change in RDS(ON) with temperature
1.1
%/°C VGS = 0V, ID= 200mA (Note 2)
AC Parameters (Note 2)
GFS
Forward transconductance
200
mmho VDS = 10V, ID= 200mA
CISS
Input capacitance
70
150
pF
VGS = -10V, VDS = 25V,
f = 1MHz
COSS
Common source output capacitance
20
40
CRSS
Reverse transfer capacitance
6.0
15
td(ON)
Turn-on delay time
12
30
ns
VDD = 25V,
ID = 100mA,
RGEN = 25Ω
tr
Rise time
16
45
td(OFF)
Turn-off delay time
15
45
tf
Fall time
25
60
Diode Parameters
VSD
Diode forward voltage drop
1.8
V
VGS = -5.0V, ISD= 500mA
(Note 1)
trr
Reverse recovery time
400
ns
VGS = -5.0V, ISD= 500mA
(Note 2)


Similar Part No. - DN1509N8-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN1509N8-G SUTEX-DN1509N8-G Datasheet
363Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
More results

Similar Description - DN1509N8-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
   N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
DN1590 SUTEX-DN1590 Datasheet
363Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN3545 SUTEX-DN3545_07 Datasheet
484Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com