Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV651 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV651
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV651 Datasheet(HTML) 2 Page - Texas Instruments

  LMV651 Datasheet HTML 1Page - Texas Instruments LMV651 Datasheet HTML 2Page - Texas Instruments LMV651 Datasheet HTML 3Page - Texas Instruments LMV651 Datasheet HTML 4Page - Texas Instruments LMV651 Datasheet HTML 5Page - Texas Instruments LMV651 Datasheet HTML 6Page - Texas Instruments LMV651 Datasheet HTML 7Page - Texas Instruments LMV651 Datasheet HTML 8Page - Texas Instruments LMV651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
3-V DC Electrical Characteristics.............................. 5
6.6
5-V DC Electrical Characteristics.............................. 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 14
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Applications ................................................ 16
8.3
Dos and Don'ts ....................................................... 18
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Device Support .................................................... 20
11.2
Documentation Support ....................................... 20
11.3
Related Links ........................................................ 20
11.4
Community Resources.......................................... 20
11.5
Trademarks ........................................................... 20
11.6
Electrostatic Discharge Caution ............................ 20
11.7
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (March 2013) to Revision K
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision I (March 2012) to Revision J
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 18


Similar Part No. - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MF NSC-LMV651MF Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MFX NSC-LMV651MFX Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
   Quad, 12 MHz, Low Voltage, Low Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com