Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV651 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV651
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV651 Datasheet(HTML) 4 Page - Texas Instruments

  LMV651 Datasheet HTML 1Page - Texas Instruments LMV651 Datasheet HTML 2Page - Texas Instruments LMV651 Datasheet HTML 3Page - Texas Instruments LMV651 Datasheet HTML 4Page - Texas Instruments LMV651 Datasheet HTML 5Page - Texas Instruments LMV651 Datasheet HTML 6Page - Texas Instruments LMV651 Datasheet HTML 7Page - Texas Instruments LMV651 Datasheet HTML 8Page - Texas Instruments LMV651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(MAX, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Differential input VID
±0.3
Supply voltage (VS = V
+ - V)
6
Input or output pin voltage
V
− 0.3
V+ + 0.3
V
Soldering information
Infrared or convection (20 sec)
235
°C
Wave soldering lead temperature (10 sec)
260
Junction temperature(3)
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7
(2)
Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-
C101-C (ESD FICDM std. of JEDEC).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM)(1)
±2000
V
Machine model(2)
±100
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature
−40
125
°C
Supply voltage
2.7
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMV651
LMV652
LMV653
UNIT
DCK
(SC70)
DBV
(SOT-23)
DGK
(VSSOP)
PW
(TSSOP)
5 PINS
5 PINS
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
303.5
214.2
200.3
134.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
135.5
173.3
89.1
60.9
°C/W
RθJB
Junction-to-board thermal resistance
81.1
72.5
120.9
77.3
°C/W
ψJT
Junction-to-top characterization parameter
8.4
56.7
21.7
11.5
°C/W
ψJB
Junction-to-board characterization parameter
80.4
71.9
119.4
76.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
°C/W


Similar Part No. - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MF NSC-LMV651MF Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MFX NSC-LMV651MFX Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
   Quad, 12 MHz, Low Voltage, Low Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com