Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV710IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV710IDBVR
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV710IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  LMV710IDBVR Datasheet HTML 1Page - Texas Instruments LMV710IDBVR Datasheet HTML 2Page - Texas Instruments LMV710IDBVR Datasheet HTML 3Page - Texas Instruments LMV710IDBVR Datasheet HTML 4Page - Texas Instruments LMV710IDBVR Datasheet HTML 5Page - Texas Instruments LMV710IDBVR Datasheet HTML 6Page - Texas Instruments LMV710IDBVR Datasheet HTML 7Page - Texas Instruments LMV710IDBVR Datasheet HTML 8Page - Texas Instruments LMV710IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
LMV711/LMV715
DBV (SOT-23-6) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
OUT
VCC
IN+
VCC+
SHUTDOWN
IN−
1
2
3
5
4
OUT
VCC−
IN+
VCC+
IN−
LMV710
DBV (SOT-23-5) OR DCK (SC-70) PACKAGE
(TOP VIEW)
+ −
+
DESCRIPTION/ORDERING INFORMATION
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
2.7-V and 5-V Performance
Low Offset Voltage . . . 0.4 mV Typ, 3 mV Max
Input Common-Mode Range . . . 200 mV
Beyond the Rails
Rail-to-Rail Swing Into 600
Gain Bandwidth . . . 5 MHz Typ
Slew Rate . . . 5 V/
µs Typ
Turn-On Time From Shutdown . . . <10
µs
Shutdown Current . . . 0.2
µA Typ
Space-Saving Packages
– SOT-23-5/6
– SC-70
Wireless Phones, Mobile Phones, PDAs
GSM/TDMA/CDMA Power Amp Control
AGC, RF Power Detectors
Temperature Compensation
Wireless LANs
Bluetooth
HomeRF
The LMV710, LMV711, and LMV715 are single BiCMOS operational amplifiers designed to meet the demands of
low power, low cost, and small size required by battery-powered portable electronics. These devices have an
input common-mode voltage range that exceeds the rails, rail-to-rail output, and high output-current drive. The
devices offer a bandwidth of 5 MHz and a slew rate of 5 V/
µs.
On the LMV711 and LMV715, a separate shutdown pin can be used to disable the device and reduce the supply
current to 0.2
µA typical. The device features a turn-on time of less than 10 µs. It is an ideal solution for
power-sensitive applications, such as cellular phones, pagers, palm computers, etc.
The LMV710I, LMV711I, and LMV715I are characterized for operation from –40
°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
SOT-23-5 – DBV
Reel of 3000
LMV710IDBVR
RB4_
SC-70 – DCK
Reel of 3000
LMV710IDCKR
RE_
SOT-23-6 – DBV
Reel of 3000
LMV711IDBVR
RB5_
–40
°C to 85°C
SC-70 – DCK
Reel of 3000
LMV711IDCKR
RF_
SOT-23-6 – DBV
Reel of 3000
LMV715IDBVR
4B9_
SC-70 – DCK
Reel of 3000
LMV715IDCKR
RL_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - LMV710IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710IDBVR TI-LMV710IDBVR Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710IDBVRE4 TI-LMV710IDBVRE4 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
More results

Similar Description - LMV710IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com