Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV711-N Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV711-N
Description  Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV711-N Datasheet(HTML) 2 Page - Texas Instruments

  LMV711-N Datasheet HTML 1Page - Texas Instruments LMV711-N Datasheet HTML 2Page - Texas Instruments LMV711-N Datasheet HTML 3Page - Texas Instruments LMV711-N Datasheet HTML 4Page - Texas Instruments LMV711-N Datasheet HTML 5Page - Texas Instruments LMV711-N Datasheet HTML 6Page - Texas Instruments LMV711-N Datasheet HTML 7Page - Texas Instruments LMV711-N Datasheet HTML 8Page - Texas Instruments LMV711-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
LMV710-N, LMV711-N, LMV715-N
SNOS519K – APRIL 2000 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LMV710-N LMV715-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics – 2.7 V .............................. 5
6.6
Electrical Characteristics – 3.2 V .............................. 6
6.7
Electrical Characteristics – 5 V ................................. 6
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 14
7.1
Overview ................................................................ 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description ................................................ 14
7.4
Device Functional Modes ....................................... 16
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Applications ................................................ 19
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................ 22
10.2
Layout Example ................................................... 22
11
Device and Documentation Support ................. 23
11.1
Device Support .................................................... 23
11.2
Documentation Support ....................................... 23
11.3
Related Links ........................................................ 23
11.4
Receiving Notification of Documentation Updates 23
11.5
Community Resources.......................................... 23
11.6
Trademarks ........................................................... 23
11.7
Electrostatic Discharge Caution ............................ 24
11.8
Glossary ................................................................ 24
12
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (March 2013) to Revision K
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1


Similar Part No. - LMV711-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711-N TI-LMV711-N Datasheet
1Mb / 25P
[Old version datasheet]   LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
More results

Similar Description - LMV711-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com