Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV793 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV793
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV793 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV793 Datasheet HTML 4Page - Texas Instruments LMV793 Datasheet HTML 5Page - Texas Instruments LMV793 Datasheet HTML 6Page - Texas Instruments LMV793 Datasheet HTML 7Page - Texas Instruments LMV793 Datasheet HTML 8Page - Texas Instruments LMV793 Datasheet HTML 9Page - Texas Instruments LMV793 Datasheet HTML 10Page - Texas Instruments LMV793 Datasheet HTML 11Page - Texas Instruments LMV793 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
125°C
25°C
-40°C
0
10
20
30
40
45
50
5
15
25
35
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
10
20
30
40
50
60
70
80
90
100
V
+
(V)
125°C
25°C
-40°C
RLOAD = 600:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
5
10
15
20
25
30
35
40
45
50
V
+
(V)
125°C
25°C
-40°C
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
-40°C
25°C
125°C
RLOAD = 10 k:
0
1
2
3
4
5
0
5
10
15
20
25
30
VOUT (V)
125°C
25°C
-40°C
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
30
35
40
125°C
25°C
-40°C
RLOAD = 10 k:
LMV793, LMV794
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
= 0, V+ = Supply Voltage = 5V, V
CM = V
+/2.
Sinking Current vs. Output Voltage
Positive Output Swing vs. Supply Voltage
Figure 18.
Figure 19.
Negative Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
Figure 20.
Figure 21.
Negative Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
Figure 22.
Figure 23.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV793 LMV794


Similar Part No. - LMV793

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMV793MA NSC-LMV793MA Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMV793MAX NSC-LMV793MAX Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMV793MF NSC-LMV793MF Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMV793MFX NSC-LMV793MFX Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results

Similar Description - LMV793

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
[Old version datasheet]   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
National Semiconductor ...
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com