Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV711IDBVRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV711IDBVRE4
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV711IDBVRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV711IDBVRE4 Datasheet HTML 4Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 5Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 6Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 7Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 8Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 9Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 10Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 11Page - Texas Instruments LMV711IDBVRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
GRAPH PREVIEWS
Figure 1. Supply Current vs Supply Voltage (ON Mode)
Figure 2. LMV711/LMV715 Supply Current vs Supply Voltage (Shutdown Mode)
Figure 3. Output Positive Swing vs Supply Voltage RL = 600 Ω)
Figure 4. Output Negative Swing vs Supply Voltage RL = 600 Ω)
Figure 5. Output Positive Swing vs Supply Voltage RL = 10 kΩ)
Figure 6. Output Negative Swing vs Supply Voltage RL = 10 kΩ)
Figure 7. Output Positive Swing vs Supply Voltage (ISRC = 7 mA)
Figure 8. Output Negative Swing vs Supply Voltage (ISINK = 7 mA)
Figure 9. Input Voltage Noise vs Frequency
Figure 10. PSRR vs Frequency
Figure 11. CMRR vs Frequency
Figure 12. LMV711/LMV715 Turn-On Characteristics
Figure 13. Sourcing Current vs Output Voltage
Figure 14. Sinking Current vs Output Voltage
Figure 15. THD+N vs Frequency (VCC = 5 V)
Figure 16. THD+N vs Frequency (VCC = 2.7 V)
Figure 17. THD+N vs VOUT (VCC± = ±2.5 V)
Figure 18. THD+N vs VOUT (VCC± = ±1.35 V)
Figure 19. CCM vs VCM (VCC = 2.7 V)
Figure 20. CCM vs VCM (VCC = 5 V)
Figure 21. CDIFF vs VCM (VCC = 2.7 V)
Figure 22. CDIFF vs VCM (VCC = 5 V)
Figure 23. Open-Loop Frequency Response (VCC± = ±1.35 V)
Figure 24. Open-Loop Frequency Response (VCC± = ±1.6 V)
Figure 25. Open-Loop Frequency Response (VCC± = ±2.5 V)
Figure 26. Open-Loop Frequency Response (VCC± = ±1.35 V)
Figure 27. Open-Loop Frequency Response (VCC± = ±1.6 V)
Figure 28. Open-Loop Frequency Response (VCC± = ±2.5 V)
Figure 29. Noninverting Large Signal Pulse Response
Figure 30. Noninverting Small Signal Pulse Response Figure
Figure 31. Inverting Large Signal Pulse Response
Figure 32. Inverting Small Signal Pulse Response
Figure 33. VOS vs VCM (VCC = 2.7 V)
Figure 34. VOS vs VCM (VCC = 5 V)
8
Not Recommended for New Designs


Similar Part No. - LMV711IDBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711IDBVRE4 TI-LMV711IDBVRE4 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
More results

Similar Description - LMV711IDBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com