Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2522 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2522
Description  LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2522 Datasheet(HTML) 3 Page - Texas Instruments

  LMX2522 Datasheet HTML 1Page - Texas Instruments LMX2522 Datasheet HTML 2Page - Texas Instruments LMX2522 Datasheet HTML 3Page - Texas Instruments LMX2522 Datasheet HTML 4Page - Texas Instruments LMX2522 Datasheet HTML 5Page - Texas Instruments LMX2522 Datasheet HTML 6Page - Texas Instruments LMX2522 Datasheet HTML 7Page - Texas Instruments LMX2522 Datasheet HTML 8Page - Texas Instruments LMX2522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMX2522, LMX2532
www.ti.com
SNWS009B – MARCH 2003 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin Number
Name
I/O
Description
1
CPout
O
IF PLL charge pump output
2
NC
Do not connect to any node on printed circuit board.
3
NC
Do not connect to any node on printed circuit board.
4
VDD
Supply voltage for IF analog circuitry
5
LE
I
MICROWIRE Latch Enable
6
CLK
I
MICROWIRE Clock
7
DATA
I
MICROWIRE Data
8
VDD
Supply voltage for VCOs
9
NC
Do not connect to any node on printed circuit board.
10
NC
Do not connect to any node on printed circuit board.
11
NC
Do not connect to any node on printed circuit board.
12
NC
Do not connect to any node on printed circuit board.
13
VDD
Supply voltage for VCOs
14
VDD
Supply voltage for VCOs output buffer
15
RFout
O
Buffered VCO output
16
VCC
Supply voltage for RF prescaler
17
VCC
Supply voltage for charge pump
18
VCC
Supply voltage for RF digital circuitry
19
LD
O
Lock Detect
20
CE
I
Chip Enable control pin
21
GND
Ground for digital circuitry
22
OSCin
I
Reference frequency input
23
VCC
Supply voltage for reference input buffer
24
GND
Ground for digital circuitry
25
VCC
Supply voltage for IF digital circuitry
26
Fin
I
IF buffer/prescaler input
27
VCC
Supply voltage for IF buffer/prescaler
28
NC
Do not connect to any node on printed circuit board.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2522 LMX2532


Similar Part No. - LMX2522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2522LQ1635 NSC-LMX2522LQ1635 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2522LQX1635 NSC-LMX2522LQX1635 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
More results

Similar Description - LMX2522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2505 NSC-LMX2505 Datasheet
231Kb / 16P
   PLLatinu Dual Frequency Synthesizer System with Integrated VCOs
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com