Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2571 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMX2571
Description  LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2571 Datasheet(HTML) 1 Page - Texas Instruments

  LMX2571_16 Datasheet HTML 1Page - Texas Instruments LMX2571_16 Datasheet HTML 2Page - Texas Instruments LMX2571_16 Datasheet HTML 3Page - Texas Instruments LMX2571_16 Datasheet HTML 4Page - Texas Instruments LMX2571_16 Datasheet HTML 5Page - Texas Instruments LMX2571_16 Datasheet HTML 6Page - Texas Instruments LMX2571_16 Datasheet HTML 7Page - Texas Instruments LMX2571_16 Datasheet HTML 8Page - Texas Instruments LMX2571_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Fast
lock
Int. charge
pump
5V charge
pump
R-divider
Phase
detector
µWIRE
Prescaler
N-divider
Output
divider
Output
divider
G4
modulator
To receive mixer
Fin
CPoutExt
FLout
XO
SPI
CE
FSK
OP
MUX
TrCtl
VCO
MUX
CP
MUX
Vcc3p3
VccIO
Lock
dect
MUXout
5V CP
supply
100pF
To driver amplifier
0.1µF
3.3V
0.1µF
3.3V/5V
SoC / DSP
100pF
Enable
0.1µF
2.2µF
VrefVCO
VregVCO
LMX2571
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMX2571
SNAS654A – MARCH 2015 – REVISED JULY 2016
LMX2571 Low-Power, High-Performance PLLatinum™ RF Synthesizer
with FSK Modulation
1
1 Features
1
Any Frequency from 10 MHz to 1344 MHz
Low Phase Noise and Spurs
–123 dBc/Hz at 12.5 kHz Offset at 480 MHz
–145 dBc/Hz at 1 MHz Offset at 480 MHz
Normalized PLL Noise Floor of –231 dBc/Hz
Spurious Better Than –75 dBc/Hz
New FastLock to Reduce Lock Time
A Novel Technique to Remove Integer Boundary
Spurs
Integrated 5-V Charge Pump and Output Divider
for External VCO Operation
2-, 4- and 8-Level or Arbitrary Level Direct Digital
FSK Modulation
One TX/RX Output or Two Fanout Outputs
Crystal, XO or Differential Reference Clock Input
Low Current Consumption
39-mA Typical Synthesizer Mode (Internal
VCO)
9-mA Typical PLL Mode (External VCO)
24-Bit Fractional-N Delta Sigma Modulator
2 Applications
Duplex Mode Digital Professional 2-Way Radio
dPMR, DMR, PDT, P25 Phase I
Low Power Radio Communication Systems
Satcom Modem
Wireless Microphone
Propriety Wireless Connectivity
Handheld Test and Measurement Equipment
3 Description
The LMX2571 is a low-power, high-performance,
wideband
PLLatinum™
RF
synthesizer
that
integrates a delta-sigma fractional N PLL, multiple
core
voltage-controlled
oscillator
(VCO),
programmable output dividers and two output buffers.
The VCO cores work up to 5.376 GHz resulting in
continuous output frequency range of 10 MHz to
1344 MHz.
This synthesizer can also be used with an external
VCO. To that end, a dedicated 5-V charge pump and
an output divider are available for this configuration.
A
unique
programmable
multiplier
is
also
incorporated to help improve spurs, allowing the
system to use every channel even if it falls on an
integer boundary.
The output has an integrated SPDT switch that can
be used as a transmit/receive switch in FDD radio
application. Both outputs can also be turned on to
provide 2 outputs at the same time.
The LMX2571 supports direct digital FSK modulation
through programming or pins. Discrete level FSK,
pulse shaping FSK, and analog FM modulation are
supported.
A new FastLock technique can be used allowing the
user to step from one frequency to the next in less
than 1.5 ms even when an external VCO is used with
a narrow band loop filter.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMX2571
WQFN (36)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - LMX2571_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
More results

Similar Description - LMX2571_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
LMX2571 TI1-LMX2571 Datasheet
2Mb / 61P
[Old version datasheet]   Low-Power, High-Performance PLLatinum RF Synthesizer
LMX2582 TI1-LMX2582 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2571-EP TI-LMX2571-EP Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com