Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10501 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMZ10501
Description  LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10501 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ10501_16 Datasheet HTML 3Page - Texas Instruments LMZ10501_16 Datasheet HTML 4Page - Texas Instruments LMZ10501_16 Datasheet HTML 5Page - Texas Instruments LMZ10501_16 Datasheet HTML 6Page - Texas Instruments LMZ10501_16 Datasheet HTML 7Page - Texas Instruments LMZ10501_16 Datasheet HTML 8Page - Texas Instruments LMZ10501_16 Datasheet HTML 9Page - Texas Instruments LMZ10501_16 Datasheet HTML 10Page - Texas Instruments LMZ10501_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=4V
VIN=4.5V
VIN=5V
VIN=5.5V
C004
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
0.0
0.2
0.4
0.6
0.8
1.0
1.2
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C002
0.0
0.2
0.4
0.6
0.8
1.0
1.2
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C003
0.00
0.10
0.20
0.30
0.40
0.50
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
VIN=2.7V
VIN=3V
VIN=3.3V
VIN=3.6V
C001
0.0
0.2
0.4
0.6
0.8
1.0
1.2
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C001
LMZ10501
www.ti.com
SNVS677F – MAY 2011 – REVISED NOVEMBER 2014
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 3.6 V, TA = 25°C
Figure 1. Dropout Voltage vs Load Current and Input
Figure 2. Thermal Derating VOUT = 1.2 V, ΘJA = 77°C/W
Voltage, TA = 85°C
Figure 3. Thermal Derating VOUT = 1.8 V, ΘJA = 77°C/W
Figure 4. Thermal Derating VOUT = 2.5 V, ΘJA = 77°C/W
Figure 5. Thermal Derating VOUT = 3.3 V, ΘJA = 77°C/W
Figure 6. Radiated EMI (Cispr22) VIN = 5.0 V, VOUT = 1.8 V,
IOUT = 1-A Default Evaluation Board BOM
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ10501


Similar Part No. - LMZ10501_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10501SE NSC-LMZ10501SE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SE TI1-LMZ10501SE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEE NSC-LMZ10501SEE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SEE TI1-LMZ10501SEE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEX NSC-LMZ10501SEX Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results

Similar Description - LMZ10501_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com