Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10501SILT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ10501SILT
Description  LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10501SILT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ10501SILT Datasheet HTML 2Page - Texas Instruments LMZ10501SILT Datasheet HTML 3Page - Texas Instruments LMZ10501SILT Datasheet HTML 4Page - Texas Instruments LMZ10501SILT Datasheet HTML 5Page - Texas Instruments LMZ10501SILT Datasheet HTML 6Page - Texas Instruments LMZ10501SILT Datasheet HTML 7Page - Texas Instruments LMZ10501SILT Datasheet HTML 8Page - Texas Instruments LMZ10501SILT Datasheet HTML 9Page - Texas Instruments LMZ10501SILT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMZ10501
SNVS677F – MAY 2011 – REVISED NOVEMBER 2014
www.ti.com
System Characteristics (continued)
The following specifications are ensured by design providing the component values in Figure 12 are used (CIN = COUT = 10
µF, 6.3 V, 0603, TDK C1608X5R0J106K). These parameters are not ensured by production testing. Unless otherwise
stated the following conditions apply: TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
η
Peak Efficiency
VIN = 5.0 V, VOUT = 3.3 V
95%
IOUT = 200 mA
Full Load Efficiency
VIN = 5.0 V, VOUT = 3.6 V
91%
IOUT = 1000 mA
VOUT
Output voltage ripple
VIN = 5.0 V, VOUT = 1.8 V
10
mV pk-pk
Ripple
IOUT = 1000 mA
Line
Line transient response
VIN = 2.7 V to 5.5 V,
30
mV pk-pk
Transient
TR = TF= 10 µs,
VOUT = 1.8 V, IOUT = 1000 mA
Load
Load transient response
VIN = 5.0 V
30
mV pk-pk
Transient
TR = TF = 40 µs,
VOUT = 1.8 V
IOUT = 100 mA to 1000 mA
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LMZ10501


Similar Part No. - LMZ10501SILT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10501SE NSC-LMZ10501SE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SE TI1-LMZ10501SE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEE NSC-LMZ10501SEE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SEE TI1-LMZ10501SEE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEX NSC-LMZ10501SEX Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results

Similar Description - LMZ10501SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com