Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62128V
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62128V Datasheet HTML 1Page - Cypress Semiconductor CY62128V Datasheet HTML 2Page - Cypress Semiconductor CY62128V Datasheet HTML 3Page - Cypress Semiconductor CY62128V Datasheet HTML 4Page - Cypress Semiconductor CY62128V Datasheet HTML 5Page - Cypress Semiconductor CY62128V Datasheet HTML 6Page - Cypress Semiconductor CY62128V Datasheet HTML 7Page - Cypress Semiconductor CY62128V Datasheet HTML 8Page - Cypress Semiconductor CY62128V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62128V Family
5
Data Retention Current Graph (for “L” version only)
Switching Characteristics Over the Operating Range[5]
62128V-55
62128V-70
62128V25-100
62128V18-200
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
55
70
100
200
ns
tAA
Address to Data Valid
55
70
100
200
ns
tOHA
Data Hold from Address Change
5
10
10
10
ns
tACE
CE LOW to Data Valid
55
70
100
200
ns
tDOE
OE LOW to Data Valid
20
35
75
125
ns
tLZOE
OE LOW to Low Z[6]
10
10
10
10
ns
tHZOE
OE HIGH to High Z[6, 7]
20
25
50
75
ns
tLZCE
CE LOW to Low Z[6]
10
10
10
10
ns
tHZCE
CE HIGH to High Z[6, 7]
20
25
50
75
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
55
70
100
200
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
55
70
100
200
ns
tSCE
CE LOW to Write End
45
60
100
190
ns
tAW
Address Set-Up to Write End
45
60
100
190
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
45
55
90
125
ns
tSD
Data Set-Up to Write End
25
30
60
100
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
WE LOW to High Z[6, 7]
20
25
50
100
ns
tLZWE
WE HIGH to Low Z[6]
5
5
10
15
ns
5.
Test conditions assume signal transition time of 5 ns or less timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100-pF load capacitance.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±200 mV from steady-state voltage.
8.
The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1and WE signals must be LOW and CE2 HIGH to initiate a
write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
9.
The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
SUPPLY VOLTAGE (V)
DATA RETENTIO N
CURRENT
vs. SUPPLY VOLTAGE
T =25
°C
40
30
20
10
0
50
60
70
80
A


Similar Part No. - CY62128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128V CYPRESS-CY62128V Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18L-200ZAI CYPRESS-CY62128V18L-200ZAI Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18L-200ZC CYPRESS-CY62128V18L-200ZC Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18LL-200ZAI CYPRESS-CY62128V18LL-200ZAI Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128VL-70SC CYPRESS-CY62128VL-70SC Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY62128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com