Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYNSE70064A-83BGC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYNSE70064A-83BGC
Description  Search Engine
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE70064A-83BGC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYNSE70064A-83BGC Datasheet HTML 7Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 8Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 9Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 10Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 11Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 12Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 13Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 14Page - Cypress Semiconductor CYNSE70064A-83BGC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
CYNSE70064A
Document #: 38-02041 Rev. *E
Page 11 of 127
4.4
Pipeline and SRAM Control
Pipeline latency is added to give enough time to a cascaded system’s arbitration logic to determine the device that will drive the
index of the matching entry on the SRAM bus. Pipeline logic adds latency to both the SRAM access cycles and the SSF and SSV
signals to align them to the host ASIC receiving the associated data.
4.5
Full Logic
Bit[0] in each of the 68-bit entries has a special purpose for the Learn command (0 = empty, 1 = full). When all the data entries
have bit[0] = 1, the database asserts the FULL flag, indicating that all the search engines in the depth-cascaded array are full.
5.0
Signal Descriptions
Table 5-1 lists and describes all CYNSE70064A signals.
Table 5-1. CYNSE70064A Signal Description
Symbol
Type[1]
Description
Clocks and Reset
CLK2X
I
Master Clock. CYNSE70064A samples all the data and control pins on the positive edge of
CLK2X. All signals are driven out of the device on the rising edge of CLK2X (when PHS_L is
LOW).
PHS_L
I
Phase. This signal runs at half the frequency of CLK2X and generates an internal CLK[2] from
CLK2X. See Section 6.0, “Clocks” on page 13.
RST_L
I
Reset. Driving RST_L LOW initializes the device to a known state.
CMD and DQ Bus
CMD[8:0]
I
CMD Bus. [1:0] specifies the command and [8:2] contains the CMD parameters. The descrip-
tions of individual commands explains the details of the parameters. The encoding of
commands based on the [1:0] field are:
00: PIO Read
01: PIO Write
10: Search
11: Learn.
CMDV
I
CMD Valid. This signal qualifies the CMD bus:
0: No command
1: Command.
DQ[67:0]
I/O
Address/Data Bus. This signal carries the Read and Write address and data during register,
data, and mask array operations. It carries the compare data during Search operations. It also
carries the SRAM address during SRAM PIO accesses.
ACK[3]
T
Read Acknowledge. This signal indicates that valid data is available on the DQ bus during
register, data, and mask array Read operations, or that the data is available on the SRAM
data bus during SRAM Read operations.
EOT[3]
T
End of Transfer. This signal indicates the end of burst transfer to the data or mask array
during Read or Write burst operations.
SSF
T
Search Successful Flag. When asserted, this signal indicates that the device is the global
winner in a Search operation.
SSV
T
Search Successful Flag Valid. When asserted, this signal qualifies the SSF signal.
SRAM Interface
SADR[21:0]
T
SRAM Address. This bus contains address lines to access off-chip SRAMs that contain
associative data. See Table 12-1 for the details of the generated SRAM address. In a
database of multiple CYNSE70064As, each corresponding bit of SADR from all cascaded
devices must be connected.
CE_L
T
SRAM Chip Enable. This is the chip-enable control for external SRAMs. In a database of
multiple CYNSE70064As, CE_L of all cascaded devices must be connected. This signal is
then driven by only one of the devices.
Notes:
1.
I = Input only, I/O = Input or Output, O = Output only, T = three-state output.
2.
CLK” is an internal clock signal. Any reference to “CLK cycles” means one cycle of CLK.
3.
ACK and EOT require a weak external pull-down such as 47K
Ω or 100KΩ.


Similar Part No. - CYNSE70064A-83BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
More results

Similar Description - CYNSE70064A-83BGC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com