Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1061AV33-10BAI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1061AV33-10BAI
Description  1M x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061AV33-10BAI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1061AV33-10BAI Datasheet HTML 1Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 2Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 3Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 4Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 5Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 6Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 7Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 8Page - Cypress Semiconductor CY7C1061AV33-10BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C1061AV33
Document #: 38-05256 Rev. *D
Page 5 of 11
tAW
Address Set-up to Write End
6
7
8
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
6
7
8
ns
tSD
Data Set-up to Write End
5
5.5
6
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low-Z[6]
33
3
ns
tHZWE
WE LOW to High-Z[6]
55
6
ns
tBW
Byte Enable to End of Write
6
7
8
ns
AC Switching Characteristics Over the Operating Range (continued)[4]
Parameter
Description
-8
-10
-12
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Data Retention Waveform
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Switching Waveforms
Notes:
10. Device is continuously selected. OE, CE, BHE and/or BHE = VIL. CE2 = VIH.
11. WE is HIGH for Read cycle.
Read Cycle No. 1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
[10, 11]


Similar Part No. - CY7C1061AV33-10BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
More results

Similar Description - CY7C1061AV33-10BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62127DV20 CYPRESS-CY62127DV20 Datasheet
221Kb / 12P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com