Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1556P-70 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1556P-70
Description  1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1556P-70 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1556P-70 Datasheet HTML 1Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 2Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 3Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 4Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 5Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 6Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 7Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 8Page - Dallas Semiconductor DS1556P-70 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1556 1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
4 of 20
Table 1. Operating Modes
VCC
CE
OE
WE
DQ0–DQ7
MODE
POWER
VIH
X
X
High-Z
Deselect
Standby
VIL
X
VIL
DIN
Write
Active
VIL
VIL
VIH
DOUT
Read
Active
VCC > VPF
VIL
VIH
VIH
High-Z
Read
Active
VSO < VCC <VPF
X
X
X
High-Z
Deselect
CMOS Standby
VCC <VSO < VPF
X
X
X
High-Z
Data Retention
Battery Current
DATA-READ MODE
The DS1556 is in the read mode whenever
CE (chip enable) is low and WE (write enable) is high. The
device architecture allows ripple-through access to any valid address location. Valid data will be available
at the DQ pins within tAA after the last address input is stable, providing that CE and OE access times are
satisfied. If
CE or OE access times are not met, valid data will be available at the latter of chip enable
access (tCEA) or at output enable access time (tOEA). The state of the data input/output pins (DQ) is
controlled by
CE and OE. If the outputs are activated before tAA, the data lines are driven to an
intermediate state until tAA. If the address inputs are changed while CE and OE remain valid, output data
will remain valid for output data hold time (tOH) but will then go indeterminate until the next address
access.
DATA-WRITE MODE
The DS1556 is in the write mode whenever
WE and CE are in their active state. The start of a write is
referenced to the latter occurring transition of
WE or CE. The addresses must be held valid throughout the
cycle.
CE and WE must return inactive for a minimum of tWR prior to the initiation of a subsequent read
or write cycle. Data in must be valid tDS prior to the end of the write and remain valid for tDH afterward. In
a typical application, the
OE signal will be high during a write cycle. However, OE can be active
provided that care is taken with the data bus to avoid bus contention. If
OE is low prior to WE
transitioning low, the data bus can become active with read data defined by the address inputs. A low
transition on
WE will then disable the outputs tWEZ after WE goes active.
DATA-RETENTION MODE
The 5V device is fully accessible and data can be written and read only when VCC is greater than VPF.
However, when VCC is below the power-fail point VPF (point at which write protection occurs) the
internal clock registers and SRAM are blocked from any access. When VCC falls below the battery switch
point VSO (battery supply level), device power is switched from the VCC pin to the internal backup lithium
battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal
levels.
The 3.3V device is fully accessible and data can be written and read only when VCC is greater than VPF.
hen VCC falls below VPF, access to the device is inhibited. If VPF is less than VSO, the device power is
switched from VCC to the internal backup lithium battery when VCC drops below VPF. If VPF is greater
than VSO, the device power is switched from VCC to the internal backup lithium battery when VCC drops
below VSO. RTC operation and SRAM data are maintained from the battery until VCC is returned to
nominal levels.
All control, data, and address signals must be powered down when VCC is powered down.


Similar Part No. - DS1556P-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556P-70++ MAXIM-DS1556P-70+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1556P-70IND++ MAXIM-DS1556P-70IND+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
More results

Similar Description - DS1556P-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com