Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27243-24SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C27243-24SXI
Description  PSoC Mixed Signal Array
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27243-24SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C27243-24SXI Datasheet HTML 1Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 2Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 3Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 4Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 5Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 6Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 7Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 8Page - Cypress Semiconductor CY8C27243-24SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *T
Page 3 of 63
PSoC Functional Overview
The
PSoC
family
consists
of
many
programmable
system-on-chip controller devices. These devices are designed
to replace multiple traditional microcontroller unit (MCU)-based
system
components
with
one,
low-cost
single-chip
programmable device. PSoC devices include configurable
blocks of analog and digital logic, as well as programmable
interconnects. This architecture lets you to create customized
peripheral configurations that match the requirements of each
individual application. Additionally, a fast central processing unit
(CPU), flash program memory, SRAM data memory, and
configurable I/O are included in a range of convenient pinouts
and packages.
The PSoC architecture, as illustrated in Logic Block Diagram on
page 1, consists of four main areas: PSoC core, digital system,
analog system, and system resources. Configurable global
busing allows all the device resources to be combined into a
complete custom system. The PSoC CY8C27x43 family can
have up to five I/O ports that connect to the global digital and
analog interconnects, providing access to eight digital blocks and
12 analog blocks.
PSoC Core
The PSoC core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
GPIO.
The M8C CPU core is a powerful processor with speeds up to
24 MHz, providing a four MIPS 8-bit Harvard architecture
microprocessor. The CPU uses an interrupt controller with 17
vectors, to simplify programming of real time embedded events.
Program execution is timed and protected using the included
sleep and watchdog timers (WDT).
Memory encompasses 16 KB of flash for program storage,
256 bytes of SRAM for data storage, and up to 2 K of EEPROM
emulated using the flash. Program flash uses four protection
levels on blocks of 64 bytes, allowing customized software IP
protection.
The PSoC device incorporates flexible internal clock generators,
including a 24-MHz internal main oscillator (IMO) accurate to
2.5% over temperature and voltage. The 24-MHz IMO can also
be doubled to 48 MHz for use by the digital system. A low power
32-kHz internal low speed oscillator (ILO) is provided for the
sleep timer and WDT. If crystal accuracy is desired, the
32.768-kHz external crystal oscillator (ECO) is available for use
as a Real Time Clock (RTC) and can optionally generate a
crystal-accurate 24-MHz system clock using a PLL. The clocks,
together with programmable clock dividers (as a system
resource), provide the flexibility to integrate almost any timing
requirement into the PSoC device.
PSoC GPIOs provide connection to the CPU, digital and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external
interfacing. Every pin also has the capability to generate a
system interrupt on high level, low level, and change from last
read.
Digital System
The digital system is composed of eight digital PSoC blocks.
Each block is an 8-bit resource that can be used alone or
combined with other blocks to form 8-, 16-, 24-, and 32-bit
peripherals, which are called user modules.
Figure 1. Digital System Block Diagram
Digital peripheral configurations include:
PWMs (8- to 32-bit)
PWMs with dead band (8- to 32-bit)
Counters (8- to 32-bit)
Timers (8- to 32-bit)
UART 8-bit with selectable parity (up to two)
SPI slave and master (up to two)
I2C slave and multi-master (one available as a system
resource)
CRC/generator (8- to 32-bit)
IrDA (up to two)
Pseudo random sequence (PRS) generators (8- to 32-bit)
DIGITAL SYSTEM
To SystemBus
DigitalClocks
FromCore
Digital PSoC Block Array
ToAnalog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 4
Port 3
Port 2
Port 1
Port 0
Port 5
[+] Feedback


Similar Part No. - CY8C27243-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27243-24SXI CYPRESS-CY8C27243-24SXI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27243-24SXI CYPRESS-CY8C27243-24SXI Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27243-24SXI CYPRESS-CY8C27243-24SXI Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
CY8C27243-24SXIT CYPRESS-CY8C27243-24SXIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27243-24SXIT CYPRESS-CY8C27243-24SXIT Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27243-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C27466 CYPRESS-CY8C27466 Datasheet
799Kb / 39P
   PSoC??Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com