Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21448L Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21448L
Description  3.3V E1/T1/J1 Quad Line Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21448L Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21448L Datasheet HTML 3Page - Dallas Semiconductor DS21448L Datasheet HTML 4Page - Dallas Semiconductor DS21448L Datasheet HTML 5Page - Dallas Semiconductor DS21448L Datasheet HTML 6Page - Dallas Semiconductor DS21448L Datasheet HTML 7Page - Dallas Semiconductor DS21448L Datasheet HTML 8Page - Dallas Semiconductor DS21448L Datasheet HTML 9Page - Dallas Semiconductor DS21448L Datasheet HTML 10Page - Dallas Semiconductor DS21448L Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
DS21448 3.3V T1/E1/J1 Quad Line Interface
7 of 60
2. PIN DESCRIPTION
The DS21448 can be controlled in parallel port mode, serial port mode, or hardware mode. The bus interface select
bits 0 and 1 (BIS0, BIS1) determine the device mode and pin assignments (Table 2-A).
Table 2-A. Bus Interface Selection
BIS1
BIS0
BUS INTERFACE TYPE
0
0
Parallel Port Mode (multiplexed)
0
1
Parallel Port Mode (nonmultiplexed)
1
0
Serial Port Mode
1
1
Hardware Mode
Table 2-B. Pin Assignments
PIN
BGA
LQFP
I/O
PARALLEL PORT MODE
SERIAL PORT MODE
HARDWARE MODE
J3
18
I
CS1
CS1
EGL1
D3
57
I
CS2
CS2
EGL2
D10
84
I
CS3
CS3
EGL3
K10
114
I
CS4
CS4
EGL4
J2
91
I
RD (DS)
N/A
ETS
H1
92
I
WR (R/W)
N/A
NRZE
K2
95
I
ALE (AS)
N/A
SCLKE
J1
35
I
N/A
SCLK
L2
K3
36
I
N/A
SDI
L1
K1
62
I/O
A4
SDO
L0
L1
63
I
A3
ICES
DJA
H11
64
I
A2
OCES
JAMUX
H12
65
I
A1
N/A
JAS
G12
66
I
A0
N/A
HBE
J10
75
I/O
D7/AD7
N/A
CES
H10
76
I/O
D6/AD6
N/A
TPD
G11
77
I/O
D5/AD5
N/A
TX0
J9
78
I/O
D4/AD4
N/A
TX1
E3
79
I/O
D3/AD3
N/A
LOOP0
D4
80
I/O
D2/AD2
N/A
LOOP1
F3
81
I/O
D1/AD1
N/A
MM0
D5
82
I/O
D0/AD0
N/A
MM1
3
I
VSM
VSM
VSM
L5
115–117
VDD1
VDD1
VDD1
E4
19–21
VDD2
VDD2
VDD2
D8
49–51
VDD3
VDD3
VDD3
J8
85–87
VDD4
VDD4
VDD4
M4
118–120
VSS1
VSS1
VSS1
F4
22–24
VSS2
VSS2
VSS2
D9
52–54
VSS3
VSS3
VSS3
H9
88–90
VSS4
VSS4
VSS4
K9
97
I/O
INT
INT
RT1
K5
110
O
PBEO1
PBEO1
PBEO1
G3
111
O
PBEO2
PBEO2
PBEO2
E10
121
O
PBEO3
PBEO3
PBEO3
K8
123
O
PBEO4
PBEO4
PBEO4
L6
126
O
RCL1/LOTC1
RCL1/LOTC1
RCL1
D7
128
O
RCL2/LOTC2
RCL2/LOTC2
RCL2
F9
1
O
RCL3/LOTC3
RCL3/LOTC3
RCL3
J7
2
O
RCL4/LOTC4
RCL4/LOTC4
RCL4
K7
98
I
TXDIS/TEST
TXDIS/TEST
TXDIS/TEST
A1
124
I
RTIP1
RTIP1
RTIP1
A4
28
I
RTIP2
RTIP2
RTIP2
A7
60
I
RTIP3
RTIP3
RTIP3
A10
93
I
RTIP4
RTIP4
RTIP4
B2
125
I
RRING1
RRING1
RRING1
B5
29
I
RRING2
RRING2
RRING2


Similar Part No. - DS21448L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21448L MAXIM-DS21448L Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21448L++ MAXIM-DS21448L+ Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21448LN MAXIM-DS21448LN Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21448LN++ MAXIM-DS21448LN+ Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
More results

Similar Description - DS21448L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
   3.3V E1/T1/J1 Line Interface
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com