Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1556WP-120IND Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1556WP-120IND
Description  1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1556WP-120IND Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1556WP-120IND Datasheet HTML 3Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 4Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 5Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 6Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 7Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 8Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 9Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 10Page - Dallas Semiconductor DS1556WP-120IND Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS1556 1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
7 of 20
SETTING THE CLOCK
The MSB bit, B7, of the Control Register is the write bit. Setting the write bit to a 1, like the read bit,
halts updates to the DS1556 (1FFF8h to 1FFFFh) registers. After setting the write bit to a 1, RTC
Registers can be loaded with the desired RTC count (day, date, and time) in 24-hour BCD format. Setting
the write bit to a 0 then transfers the values written to the internal RTC Registers and allows normal
operation to resume.
CLOCK ACCURACY (DIP MODULE)
The DS1556 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements, and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. The electrical environment also affects clock accuracy, and caution should be taken to place
the RTC in the lowest-level EMI section of the PC board layout. For additional information, please refer
to Application Note 58.
CLOCK ACCURACY (PowerCap MODULE)
The DS1556 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within
±1.53 minutes per month (35 ppm) at 25°C. The
electrical environment also affects clock accuracy, and caution should be taken to place the RTC in the
lowest-level EMI section of the PC board layout. For additional information, please refer to
Application Note 58.
FREQUENCY TEST MODE
The DS1556 frequency test mode uses the open drain
IRQ/FT output. With the oscillator running, the
IRQ/FT output will toggle at 512 Hz when the FT bit is a 1, the Alarm Flag Enable bit (AE) is a 0, and
the Watchdog Steering bit (WDS) is a 1 or the Watchdog Register is reset (Register 1FFF7h = 00h). The
IRQ/FT output and the frequency test mode can be used as a measure of the actual frequency of the
32.768 kHz RTC oscillator. The
IRQ/FT pin is an open-drain output that requires a pullup resistor for
proper operation. The FT bit is cleared to a 0 on power-up.
USING THE CLOCK ALARM
The alarm settings and control for the DS1556 reside within Registers 1FFF2h to 1FFF5h. Register
1FFF6h contains two alarm enable bits: Alarm Enable (AE) and Alarm in Backup Enable (ABE). The AE
and ABE bits must be set as described below for the
IRQ/FT output to be activated for a matched alarm
condition.
The alarm can be programmed to activate on a specific day of the month or repeat every day, hour,
minute, or second. It can also be programmed to go off while the DS1556 is in the battery-backed state of
operation to serve as a system wake-up. Alarm mask bits AM1 to AM4 control the alarm mode. Table 3
shows the possible settings. Configurations not listed in the table default to the once per second mode to
notify the user of an incorrect alarm setting.


Similar Part No. - DS1556WP-120IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556WP-120IND++ MAXIM-DS1556WP-120IND+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
More results

Similar Description - DS1556WP-120IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com