Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6993 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6993
Description  Dual P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6993 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6993 Datasheet HTML 1Page - Fairchild Semiconductor FDS6993 Datasheet HTML 2Page - Fairchild Semiconductor FDS6993 Datasheet HTML 3Page - Fairchild Semiconductor FDS6993 Datasheet HTML 4Page - Fairchild Semiconductor FDS6993 Datasheet HTML 5Page - Fairchild Semiconductor FDS6993 Datasheet HTML 6Page - Fairchild Semiconductor FDS6993 Datasheet HTML 7Page - Fairchild Semiconductor FDS6993 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6993 Rev C (W)
Typical Characteristics: Q1
0
4
8
12
16
20
0
1
2
3
4
5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-3.5V
-4.0V
-4.5V
V
-5.0V
V
-6.0V
V
0.8
1
1.2
1.4
1.6
1.8
2
0
4
8
12
16
20
-ID, DRAIN CURRENT (A)
VGS=-4.0V
-4.5V
-6.0V
-7.0V
-8.0V
-10V
-5.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -4.3A
VGS = -10V
0
0.05
0.1
0.15
0.2
2.5
5
7.5
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -2.15A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
2
2.5
3
3.5
4
4.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS =0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6993

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6990 FAIRCHILD-FDS6990 Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990 FAIRCHILD-FDS6990 Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6993

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
108Kb / 6P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
   MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com