Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6993 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS6993
Description  Dual P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6993 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS6993 Datasheet HTML 1Page - Fairchild Semiconductor FDS6993 Datasheet HTML 2Page - Fairchild Semiconductor FDS6993 Datasheet HTML 3Page - Fairchild Semiconductor FDS6993 Datasheet HTML 4Page - Fairchild Semiconductor FDS6993 Datasheet HTML 5Page - Fairchild Semiconductor FDS6993 Datasheet HTML 6Page - Fairchild Semiconductor FDS6993 Datasheet HTML 7Page - Fairchild Semiconductor FDS6993 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDS6993 Rev C (W)
Typical Characteristics: Q1
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg, GATE CHARGE (nC)
ID = -4.3A
VDS = -10V
-20V
-15V
0
100
200
300
400
500
600
700
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
10ms
1ms
10s
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 135
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS6993

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6990 FAIRCHILD-FDS6990 Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990 FAIRCHILD-FDS6990 Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6993

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
108Kb / 6P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
   MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com