Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC25M4BCD Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC25M4BCD
Description  LinCMOS QUAD OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25M4BCD Datasheet(HTML) 2 Page - Texas Instruments

  TLC25M4BCD Datasheet HTML 1Page - Texas Instruments TLC25M4BCD Datasheet HTML 2Page - Texas Instruments TLC25M4BCD Datasheet HTML 3Page - Texas Instruments TLC25M4BCD Datasheet HTML 4Page - Texas Instruments TLC25M4BCD Datasheet HTML 5Page - Texas Instruments TLC25M4BCD Datasheet HTML 6Page - Texas Instruments TLC25M4BCD Datasheet HTML 7Page - Texas Instruments TLC25M4BCD Datasheet HTML 8Page - Texas Instruments TLC25M4BCD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
 QUAD OPERATIONAL AMPLIFIERS
SLOS003G – JUNE 1983 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
General applications such as transducer interfacing, analog calculations, amplifier blocks, active filters, and
signal buffering are all easily designed with these devices. Remote and inaccessible equipment applications
are possible using their low-voltage and low-power capabilities. These devices are well suited to solve the
difficult problems associated with single-battery and solar-cell-powered applications. This series includes
devices that are characterized for the commercial temperature range and are available in 14-pin plastic dip and
the small-outline packages. The device is also available in chip form.
These devices are characterized for operation from 0
°C to 70°C.
DEVICE FEATURES
PARAMETER
TLC25L4_C
(LOW BIAS)
TLC25M4_C
(MEDIUM BIAS)
TLC254_C
(HIGH BIAS)
Supply current (Typ)
40
µA
600
µA
4000
µA
Slew rate (Typ)
0.04 V/
µA
0.6 V/
µA
4.5 V/
µA
Input offset voltage (Max)
TLC254C, TLC25L4C, TLC25M4C
TLC254AC, TLC25L4AC, TLC25M4AC
TLC254BC, TLC25L4BC, TLC25M4BC
10 mV
5 mV
2 mV
10 mV
5 mV
2 mV
10 mV
5 mV
2 mV
Offset voltage drift (Typ)
0.1
µV/month†
0.1
µV/month†
0.1
µV/month†
Offset voltage temperature coefficient (Typ)
0.7
µV/°C
2
µV/°C
5
µV/°C
Input bias current (Typ)
1 pA
1 pA
1 pA
Input offset current (Typ)
1 pA
1 pA
1 pA
† The long-term drift value applies after the first month.
equivalent schematic (each amplifier)
VDD
IN +
IN –
VDD – /GND
OUT
ESD-
Protective
Network
ESD-
Protective
Network


Similar Part No. - TLC25M4BCD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC25M4BCD TI-TLC25M4BCD Datasheet
315Kb / 21P
[Old version datasheet]   LinCMOSE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC25M4BCD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com