Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3650 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3650
Description  Quad Differential Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3650 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS3650 Datasheet HTML 2Page - National Semiconductor (TI) DS3650 Datasheet HTML 3Page - National Semiconductor (TI) DS3650 Datasheet HTML 4Page - National Semiconductor (TI) DS3650 Datasheet HTML 5Page - National Semiconductor (TI) DS3650 Datasheet HTML 6Page - National Semiconductor (TI) DS3650 Datasheet HTML 7Page - National Semiconductor (TI) DS3650 Datasheet HTML 8Page - National Semiconductor (TI) DS3650 Datasheet HTML 9Page - National Semiconductor (TI) DS3650 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(Continued)
DS005782-13
Note. Output of Channel B shown under test, other channels are tested similiarly.
V1
V2
S1
S2
C
L
t
PLO(S)
100
mV
GND
Closed
Closed
15 pF
t
POL(S)
100
mV
GND
Closed
Open
50 pF
t
PHO(S)
GND
100
mV
Closed
Closed
15 pF
t
POH(S)
GND
100
mV
Open
Closed
50 pF
CL includes jig and probe capacitance.
EIN waveform characteristics: tTLH and tTHL ≤ 10 ns measured 10% to 90%
PRR = 1 MHz
Duty Cycle = 50%
DS005782-14
DS005782-15
DS005782-16
DS005782-17
FIGURE 9. Strobe Propagation Delay t
PLO(S),tPOL(S),tPHO(S) and tPOH(S)
www.national.com
7


Similar Part No. - DS3650

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
DS3650J NSC-DS3650J Datasheet
217Kb / 8P
   Quad Differential Line Receivers
DS3650M NSC-DS3650M Datasheet
217Kb / 8P
   Quad Differential Line Receivers
DS3650N NSC-DS3650N Datasheet
217Kb / 8P
   Quad Differential Line Receivers
More results

Similar Description - DS3650

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com