Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BV33-15VI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021BV33-15VI
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BV33-15VI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021BV33-15VI Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BV33-15VI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY7C1021BV33
Document #: 38-05148 Rev. *A
Page 3 of 11
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1021BV-8
7C1021BV-10
7C1021BV-12
7C1021BV-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH
Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH
Voltage
2.2
VCC+
0.3V
2.2
VCC+
0.3V
2.2
VCC+
0.3V
2.2
VCC+
0.3V
V
VIL
Input LOW
Voltage[2]
−0.3
0.8
−0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load
Current
GND < VI < VCC
−1
+1
−1+1
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
−1
+1
−1+1
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com
170
160
150
140
mA
Ind
190
120
170
160
mA
ISB1
Automatic CE
Power-Down
Current
— TTL Inputs
Max. VCC,
CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
40
40
mA
ISB2
Automatic CE
Power-Down
Current
— CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V,
f = 0
55
5
5
mA
L
500
500
500
500
µA
Shaded areas contain advance information.
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
6
pF
COUT
Output Capacitance
8
pF
Note:
3.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
3.3V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R 317
R 317
R2
351
R2
351
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF
Rise Time: 1 V/ns
Fall Time: 1 V/ns


Similar Part No. - CY7C1021BV33-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VC CYPRESS-CY7C1021B-12VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VI CYPRESS-CY7C1021B-12VI Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12ZC CYPRESS-CY7C1021B-12ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BV33-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com