Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372-EP
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372-EP Datasheet(HTML) 3 Page - Texas Instruments

  TLC372-EP Datasheet HTML 1Page - Texas Instruments TLC372-EP Datasheet HTML 2Page - Texas Instruments TLC372-EP Datasheet HTML 3Page - Texas Instruments TLC372-EP Datasheet HTML 4Page - Texas Instruments TLC372-EP Datasheet HTML 5Page - Texas Instruments TLC372-EP Datasheet HTML 6Page - Texas Instruments TLC372-EP Datasheet HTML 7Page - Texas Instruments TLC372-EP Datasheet HTML 8Page - Texas Instruments TLC372-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit to ground (see Note 3)
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 6 and 7): D package
97.1
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
P package
84.6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJC (see Notes 6 and 7): FK package
5.6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
JG package
14.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
U package
14.7
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC372C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC372I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC372M
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC372Q
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, P, or PW package
260
°C
. . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG or U package
300
°C
. . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. All voltage values except differential voltages are with respect to network ground.
4. Differential voltages are at IN+ with respect to IN −.
5. Short circuits from outputs to VDD can cause excessive heating and eventual device destruction.
6. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
7. The package thermal impedance is calculated in accordance with JESD 51-7 (plastic) or MIL-STD-883 Method 1012 (ceramic).
recommended operating conditions
TLC372C
TLC372I
TLC372M
TLC372Q
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
3
16
3
16
4
16
4
16
V
Common-mode input voltage, VIC
VDD = 5 V
0
3.5
0
3.5
0
3.5
0
3.5
V
Common-mode input voltage, VIC
VDD = 10 V
0
8.5
0
8.5
0
8.5
0
8.5
V
Operating free-air temperature, TA
0
70
−40
85
−55
125
−40
125
°C


Similar Part No. - TLC372-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI-TLC372-EP Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com