Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1550MJB Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC1550MJB
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550MJB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC1550MJB Datasheet HTML 2Page - Texas Instruments TLC1550MJB Datasheet HTML 3Page - Texas Instruments TLC1550MJB Datasheet HTML 4Page - Texas Instruments TLC1550MJB Datasheet HTML 5Page - Texas Instruments TLC1550MJB Datasheet HTML 6Page - Texas Instruments TLC1550MJB Datasheet HTML 7Page - Texas Instruments TLC1550MJB Datasheet HTML 8Page - Texas Instruments TLC1550MJB Datasheet HTML 9Page - Texas Instruments TLC1550MJB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range with internal
clock and minimum sampling time of 4
µs, VDD =VREF+ = 5 V and VREF− = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
UNIT
TLC1550I
Full range
±0.5
EL
Linearity error
TLC1551I
See Note 3
Full range
±1
LSB
EL
Linearity error
TLC1550M
See Note 3
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EZS
Zero-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EZS
Zero-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EFS
Full-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EFS
Full-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
Total unadjusted error
TLC1551I
See Note 5
Full range
±1
LSB
Total unadjusted error
TLC1550M
See Note 5
25
°C
±1
LSB
tc
Conversion time
fclock(external) = 4.2 MHz or
internal clock
6
µs
ta(D)
Data access time after RD goes low
35
ns
tv(D)
Data valid time after RD goes high
5
ns
tdis(D)
Disable time, delay time from RD high to high
impedance
See Figure 3
30
ns
td(EOC) Delay time, RD low to EOC high
0
15
ns
† Full range is − 40°C to 85°C for the TL155xI devices and −55°C to 125°C for the TLC1550M.
‡ All typical values are at VDD = 5 V, TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF+ convert to all 1s (1111111111), while input voltages less than that applied
to REF − convert to all 0s (0000000000). The total unadjusted error may increase as this differential voltage falls below 4.75 V.
3. Linearity error is the difference between the actual analog value at the transition between any two adjacent steps and its ideal value
after zero-scale error and full-scale error have been removed.
4. Zero-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified zero scale.
Full-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified full scale.
5. Total unadjusted error is the difference between the actual analog value at the transition between any two adjacent steps and its
ideal value. It includes contributions from zero-scale error, full-scale error, and linearity error.


Similar Part No. - TLC1550MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550MJB TI-TLC1550MJB Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550MJB TI1-TLC1550MJB Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
More results

Similar Description - TLC1550MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com