Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC556MD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556MD
Description  DUAL LinCMOSE TIMERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC556MD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC556MD Datasheet HTML 5Page - Texas Instruments TLC556MD Datasheet HTML 6Page - Texas Instruments TLC556MD Datasheet HTML 7Page - Texas Instruments TLC556MD Datasheet HTML 8Page - Texas Instruments TLC556MD Datasheet HTML 9Page - Texas Instruments TLC556MD Datasheet HTML 10Page - Texas Instruments TLC556MD Datasheet HTML 11Page - Texas Instruments TLC556MD Datasheet HTML 12Page - Texas Instruments TLC556MD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
2
1
–75
–50
–25
0
25
75
125
DISCHARGE SWITCH ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
50
100
10
4
20
100
40
7
70
TA – Free-Air Temperature – °C
VDD = 2 V, IO = 1 mA
VDD = 5 V, IO = 10 mA
VDD = 15 V, IO = 100 mA
Figure 2
100
0
0
2
4
6
8
12
16
PROPAGATION DELAY TIMES (TO DISCHARGE
OUTPUT FROM TRIGGER AND THRESHOLD
SHORTED TOGETHER)
vs
SUPPLY VOLTAGE
10
14
400
200
500
600
300
VDD – Supply Voltage – V
20
18
tPLH‡
tPHL
IO(on) ≥ 1 mA
CL ≈ 0
TA = 25°C
‡ The effects of the load resistance on these values must be
taken into account separately.


Similar Part No. - TLC556MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556MD TI-TLC556MD Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556MD TI1-TLC556MD Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556MDG4 TI1-TLC556MDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556MDR TI-TLC556MDR Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556MDR TI1-TLC556MDR Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - TLC556MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINCMOSE??TIMER
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com